Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

20PT1021SX-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part No. 20PT1021SX-LF
Description  10/100 BASE-TX DUAL DIP PORT TRANSFOMER APPLRY TO MDIX
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOTHHAND [Bothhand USA, LP.]
Homepage  http://www.bothhandusa.com
Logo 

20PT1021SX-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: 20PT1021SX LF DATA SHEET
Feature
Compliant with IEEE802.3u and ANSI X3.263 standards
including 350uH OCL with 8mA Bias.
Symmetrical TX and RX channels for Auto MDI/MDIX
capability.
Comply with RoHS requirements-whole part No Cd, No Hg, No
Cr6+, No PBB and PBDE and No Pb on external pins.
Operating temperature range :0℃ to +70℃.
Storage temperature range: -25℃ to +105℃.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)TX/RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
L.L
(uH Max)
Cw/w
(pF Max)
DCR
(Ω Max)
HI-POT
(Vrms)
20PT1021SX LF
1CT:1CT
350
0.5
50
0.9
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-100MHz
0.3-30MHz
30-60MHz
60-80MHz
0.3-100MHz
0.3-100MHz
20PT1021SX LF
-1.15
-18
-14
-12
-35
-30
Schematic
Mechanical
Bothhandusa.com
10/100 BASE-TX DUAL DIP PORT
TRANSFORMER APPLY TO MDIX
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn