Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40ST8062A Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST8062A
Description  10 BASE QUAD PORT PULSE TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST8062A Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST8062A Datasheet HTML 1Page - Bothhand USA, LP. 40ST8062A Datasheet HTML 2Page - Bothhand USA, LP. 40ST8062A Datasheet HTML 3Page - Bothhand USA, LP. 40ST8062A Datasheet HTML 4Page - Bothhand USA, LP. 40ST8062A Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10 BASE QUAD PORT PULSE TRANSFORMERS
BOTHHAND
USA.
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
40-PIN SMD package compatible with IEEE 802.3 standard & for
the new technology “ Filterless ” transceiver chips
Designed for multiport repeater and switched Ethernet applications
utilizing single RJ-45 connectors
Low profile, surface mount packaging rated to 235℃ peak IR reflow
temperature
Isolation Voltage : 1500Vrms
Electrical Specifications @ 25℃Operating Temperature range: 0℃to +70℃
“*” 1.Peak Pulse Rating : 50Volts
2.Dissipation Rating :75mW
3.Insulation Resistance : 10,000MΩ
Turn Ratio
(Pri:Sec)
Part
Number
Transmit
Receive
Primary OCL
(μH Min)
L.L
(μH Max)
Cw/w
(pF Max)
40ST6489B*
1CT:1.41CT
1:1
140
0.4/0.4
15
40ST6489B-1
1CT:1.41CT
1:1
100
0.4/0.4
15
40ST6489G
1CT:1.414
1:1
200
-
-
40ST8050B*
1CT:1CT
1:1
80-130
0.4/0.4
12
40ST8050C$
1CT:1CT
1:1
150
0.3/0.3
10
40ST8050D$
1CT:1CT
1:1
150
0.3/0.3
10
40ST8051B*
1CT:1CT
1:1
100±20%
0.4/0.4
12
40ST8052$
1CT:1CT
1:1
150
0.3
10
40ST8054*
1CT:1CT
1:1
140
0.3
12
40ST8056
1CT:1CT
1:1
100
0.55
20
40ST8062*
1CT:1.41CT
1:1
140
0.4/0.4
15
40ST8062A$
1CT:1.41CT
1:1
150
0.4/0.4
18
Insertion Loss
(dB Max.)
Return Loss
(dB Min.)
Cross Talk
(dB Min)
Common to Common Mode Rejection
(dB Min)
Part
Number
0.3-10MHz
10-20MHz
0.3-10MHz
10-20MHz
100MHz
40ST6489B-1
-1.0
-18
-40
-40
-30
40ST6489G
-
-15
-
1-100MHz
Transmit
Receive
“$” Return Loss(5-10MHz): -20@100Ω , -15 @ 98±13Ω
-25
-20
5MHz 10MHz 50MHz 100MHz 200MHz
40ST8050C$
0.5 TYP
-
-35
-60
-50
-35
-25
-20
40ST8050D$
-0.5
-
-35
-60
-50
-35
-25
-20
40ST8052 $
-0.5
-
-35
-60
-50
-34
-25
-
40ST8062A$
-
-
-
-60
-50
-30
-25
-20


Similar Part No. - 40ST8062A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST8062A BOTHHAND-40ST8062A Datasheet
37Kb / 1P
   40 PIN SMD ETHERNET 10 BASE-T QUAD PORT TRANSFORMER
40ST8062A BOTHHAND-40ST8062A Datasheet
187Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8062A BOTHHAND-40ST8062A Datasheet
189Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8062A_M BOTHHAND-40ST8062A_M Datasheet
187Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8062A_S BOTHHAND-40ST8062A_S Datasheet
189Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
More results

Similar Description - 40ST8062A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1041 BOTHHAND-40ST1041_1 Datasheet
754Kb / 5P
   10/100 BASE QUAD PORT PULSE TRANSFORMERS
20PT8052 BOTHHAND-20PT8052 Datasheet
192Kb / 2P
   10 BASE TWO PORT PULSE TRANSFORMERS
40ST1060_M BOTHHAND-40ST1060_M Datasheet
185Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1062 BOTHHAND-40ST1062 Datasheet
226Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1060_S BOTHHAND-40ST1060_S Datasheet
186Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1060LF BOTHHAND-40ST1060LF Datasheet
309Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
16PT8512BLF BOTHHAND-16PT8512BLF Datasheet
830Kb / 3P
   10/100 BASE PULSE TRANSFORMERS (DIP)
16PT8510 BOTHHAND-16PT8510 Datasheet
377Kb / 6P
   10/100 BASE PULSE TRANSFORMERS (DIP)
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
logo
List of Unclassifed Man...
TS6121A ETC1-TS6121A Datasheet
343Kb / 4P
   10/100 BASE PULSE TRANSFORMERS (SMD) SMALL SIZE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com