Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKIM909GD066HD Datasheet(PDF) 2 Page - Semikron International

Part # SKIM909GD066HD
Description  Trench IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKIM909GD066HD Datasheet(HTML) 2 Page - Semikron International

  SKIM909GD066HD Datasheet HTML 1Page - Semikron International SKIM909GD066HD Datasheet HTML 2Page - Semikron International SKIM909GD066HD Datasheet HTML 3Page - Semikron International SKIM909GD066HD Datasheet HTML 4Page - Semikron International SKIM909GD066HD Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SKiM909GD066HD
2
Rev. 2 – 05.10.2009
© by SEMIKRON
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC
IF =900 A
VGE =0V
chip
Tj =25°C
1.6
1.8
V
Tj = 150 °C
1.7
1.9
V
VF0
Tj =25°C
11.1
V
Tj = 150 °C
0.85
0.95
V
rF
Tj =25°C
0.7
0.8
mΩ
Tj = 150 °C
0.9
1.1
mΩ
IRRM
IF =900 A
di/dtoff = 4800 A/µs
VGE =-15 V
VCC = 300 V
Tj = 150 °C
500
A
Qrr
Tj = 150 °C
118
µC
Err
Tj = 150 °C
29
mJ
Rth(j-s)
per diode
0.135
K/W
Module
LCE
10
15
nH
RCC'+EE'
terminal-chip
Ts =25°C
0.3
mΩ
Ts = 125 °C
0.5
mΩ
Ms
to heat sink (M4)
2.5
4
Nm
Mt
to terminals (M6)
35
Nm
Nm
w
1100
g
Temperature sensor
R100
TSensor = 100 °C (R25 = 5 kΩ)339
B100/125
R(T) = R100exp[B100/125(1/T-1/373)];
T[K];
4096
K
SKiM® 93
GD
Trench IGBT Modules
SKiM909GD066HD
Features
• IGBT 3 Trench Gate Technology
• Solderless sinter technology
•VCE(sat) with positive temperature
coefficient
• Low inductance case
• Isolated by Al2O3 DCB (Direct Copper
Bonded) ceramic substrate
• Pressure contact technology for
thermal contacts and electrical
contacts
• High short circuit capability, self
limiting to 6 x IC
• Integrated temperature sensor
Typical Applications
• Automotive inverter
• High reliability AC inverter wind
• High reliability AC inverter drives


Similar Part No. - SKIM909GD066HD

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIM909GD066HD SEMIKRON-SKIM909GD066HD Datasheet
343Kb / 5P
   Trench IGBT Modules
SKIM909GD066HD SEMIKRON-SKIM909GD066HD_11 Datasheet
343Kb / 5P
   Trench IGBT Modules
More results

Similar Description - SKIM909GD066HD

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX353GB126HDS SEMIKRON-SEMIX353GB126HDS_09 Datasheet
380Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_09 Datasheet
420Kb / 6P
   Trench IGBT Modules
SEMIX703GB126HDS SEMIKRON-SEMIX703GB126HDS_09 Datasheet
383Kb / 6P
   Trench IGBT Modules
SEMIX854GB176HDS SEMIKRON-SEMIX854GB176HDS_08 Datasheet
369Kb / 5P
   Trench IGBT Modules
SEMIX453GB176HDS SEMIKRON-SEMIX453GB176HDS_10 Datasheet
324Kb / 5P
   Trench IGBT Modules
SKM400GB176D SEMIKRON-SKM400GB176D_10 Datasheet
808Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
SKIM459GD12E4 SEMIKRON-SKIM459GD12E4_11 Datasheet
337Kb / 5P
   Trench IGBT Modules
SEMIX402GB066HDS SEMIKRON-SEMIX402GB066HDS_08 Datasheet
360Kb / 5P
   Trench IGBT Modules
SEMIX453GD176HDC SEMIKRON-SEMIX453GD176HDC_09 Datasheet
380Kb / 5P
   Trench IGBT Modules
SEMIX604GB12E4S SEMIKRON-SEMIX604GB12E4S Datasheet
404Kb / 5P
   Trench IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com