Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10113 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC10113
Description  Quad Exclusive OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10113 Datasheet(HTML) 3 Page - Motorola, Inc

  MC10113 Datasheet HTML 1Page - Motorola, Inc MC10113 Datasheet HTML 2Page - Motorola, Inc MC10113 Datasheet HTML 3Page - Motorola, Inc MC10113 Datasheet HTML 4Page - Motorola, Inc MC10113 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10113
MOTOROLA
MECL Data
DL122 — Rev 6
3–50
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
4,7,10,13
5,6,11,12
9
*
*
9
8
8
8
1, 16
1, 16
1, 16
IinL
*
*
8
1, 16
Output Voltage
Logic 1
VOH
2
3
14
15
4
7
11
13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Output Voltage
Logic 0
VOL
2
3
14
15
4
7
11
13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
2
3
14
15
4
6
10
12
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
2
3
14
15
5
7
11
13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Switching Times
(50
Ω Load)
+1.11V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+2+
t4–2–
t9+2–
t9–2+
2
2
2
2
4
4
4
4
9
9
2
2
2
2
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
2
4
2
8
1, 16
Fall Time
(20 to 80%)
t2–
2
4
2
8
1, 16
* Individually test each input applying VIH or VIL to input under test.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Similar Part No. - MC10113

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10113 ONSEMI-MC10113 Datasheet
109Kb / 8P
   Quad Exclusive OR Gate
January, 2002 ??Rev. 7
MC10113FN ONSEMI-MC10113FN Datasheet
109Kb / 8P
   Quad Exclusive OR Gate
January, 2002 ??Rev. 7
MC10113L ONSEMI-MC10113L Datasheet
109Kb / 8P
   Quad Exclusive OR Gate
January, 2002 ??Rev. 7
MC10113P ONSEMI-MC10113P Datasheet
109Kb / 8P
   Quad Exclusive OR Gate
January, 2002 ??Rev. 7
More results

Similar Description - MC10113

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com