Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10113 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MC10113
Description  Quad Exclusive OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10113 Datasheet(HTML) 2 Page - Motorola, Inc

  MC10113 Datasheet HTML 1Page - Motorola, Inc MC10113 Datasheet HTML 2Page - Motorola, Inc MC10113 Datasheet HTML 3Page - Motorola, Inc MC10113 Datasheet HTML 4Page - Motorola, Inc MC10113 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10113
3–49
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
46
42
46
mAdc
Input Current
IinH
4,7,10,13
5,6,11,12
9
425
350
870
265
220
545
265
220
545
µAdc
IinL
*
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
3
14
15
–1.060
–1.060
–1.060
–1.060
–0.890
–0.890
–0.890
–0.890
–0.960
–0.960
–0.960
–0.960
–0.810
–0.810
–0.810
–0.810
–0.890
–0.890
–0.890
–0.890
–0.700
–0.700
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
3
14
15
–1.890
–1.890
–1.890
–1.890
–1.675
–1.675
–1.675
–1.675
–1.850
–1.850
–1.850
–1.850
–1.650
–1.650
–1.650
–1.650
–1.825
–1.825
–1.825
–1.825
–1.615
–1.615
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
3
14
15
–1.080
–1.080
–1.080
–1.080
–0.980
–0.980
–0.980
–0.980
–0.910
–0.910
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
3
14
15
–1.655
–1.655
–1.655
–1.655
–1.630
–1.630
–1.630
–1.630
–1.595
–1.595
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
Min
Typ
Max
ns
Propagation Delay
t4+2+
t4–2–
t9+2–
t9–2+
2
2
2
2
1.1
1.1
1.3
1.3
4.7
4.7
5.2
5.2
1.3
1.3
1.5
1.5
2.6
2.6
3.4
3.4
4.5
4.5
5.0
5.0
1.3
1.3
1.5
1.5
5.0
5.0
5.5
5.5
Rise Time
(20 to 80%)
t2+
2
1.1
4.2
1.1
2.5
3.9
1.1
4.4
Fall Time
(20 to 80%)
t2–
2
1.1
4.2
1.1
2.5
3.9
1.1
4.4
* Individually test each input applying VIH or VIL to input under test.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn