Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-108GCG Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTW-108GCG
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-108GCG Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTW-108GCG Datasheet HTML 1Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 2Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 3Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 4Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 5Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 6Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 7Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 8Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Code List
* Color Coordinates Measurement allowance is ±0.01
Part No. : LTW-108GCG
Page :
5
of
11
BNS-OD-C131/A4
Color Ranks Table
Color bin limits at IF = 20mA
Ranks
CIE 1931Chromaticity coordinates
x
0.280
0.272
0.282
0.288
A52
y
0.248
0.258
0.272
0.262
x
0.272
0.275
0.282
A54
y
0.258
0.281
0.272
x
0.282
0.275
0.287
0.291
A61
y
0.272
0.281
0.295
0.287
x
0.288
0.282
0.291
0.296
A62
y
0.262
0.272
0.287
0.276
x
0.291
0.287
0.296
0.299
BE1
y
0.287
0.295
0.304
0.294
x
0.296
0.291
0.299
0.302
BE2
y
0.276
0.287
0.294
0.283
x
0.299
0.296
0.307
0.309
BF1
y
0.294
0.304
0.315
0.305
x
0.302
0.299
0.309
0.311
BF2
y
0.283
0.294
0.305
0.294


Similar Part No. - LTW-108GCG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-108SEG-W LITEON-LTW-108SEG-W Datasheet
634Kb / 12P
   Display & Mobile
logo
HK TO-GRACE TECHNOLOGY ...
LTW-108SEG-W TO-GRACE-LTW-108SEG-W Datasheet
985Kb / 12P
   SMD LED
More results

Similar Description - LTW-108GCG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com