Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD1805-64V-XX Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSD1805-64V-XX
Description  SINGLE DIGIT LED DISPLAY (1.8 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1805-64V-XX Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD1805-64V-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1805-64V-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1805-64V-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1805-64V-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1805-64V-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1805-64V-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1805-64V-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1805-64V-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5/7
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
If=20mA
Test Condition
If=20mA
If=20mA
If=10mA
volt
Vf
Unit
nm
μA
nm
λP
Iv
mcd
Reverse Current Any Chip
Spectral Line Half-Width
Forward Voltage Per Chip
Peak Wavelength
Luminous Intensity Per Chip
Parameter
Test Condition For Each Parameter
Symbol
△λ
Luminous Intensity Matching Ratio
IV-M
Ir
Vr=5V
LSD1805/64V-XX
PART NO.


Similar Part No. - LSD1805-64V-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD1805-64-XX LIGITEK-LSD1805-64-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
More results

Similar Description - LSD1805-64V-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD1805-62-XX LIGITEK-LSD1805-62-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64-XX LIGITEK-LSD1805-64-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-66-XX LIGITEK-LSD1805-66-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX-PF LIGITEK-LSD1805-65-XX-PF Datasheet
149Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-67-XX LIGITEK-LSD1805-67-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-61-XX LIGITEK-LSD1805-61-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-63-XX-PF LIGITEK-LSD1805-63-XX-PF Datasheet
147Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX LIGITEK-LSD1805-65-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
logo
PARA LIGHT ELECTRONICS ...
C-1801G PARALIGHT-C-1801G Datasheet
196Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801G PARALIGHT-A-1801G Datasheet
259Kb / 12P
   1.8 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com