Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD1535-64-XX-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSD1535-64-XX-PF
Description  SINGLE DIGIT LED DISPLAY (1.5Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1535-64-XX-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSD1535-64-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Internal Circuit Diagram
Page 2/8
LSD1535/64-XX-PF
PART NO.
8
9
2
4
6
3
10
7
A
7
A
D
B
C
E
F
LSD15364-XX-PF
1,5
G
DP
10
3
64
29
D
LSD15354-XX-PF
1,5
B
C
E
F
8
G
DP


Similar Part No. - LSD1535-64-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD1505-62-PF LIGITEK-LSD1505-62-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
LSD1505-65F-XX-PF LIGITEK-LSD1505-65F-XX-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
LSD1505/62-PF LIGITEK-LSD1505/62-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
LSD1505/65F-XX-PF LIGITEK-LSD1505/65F-XX-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
LSD1525-6EGR-XX-PF LIGITEK-LSD1525-6EGR-XX-PF Datasheet
154Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (1.5Inch)
More results

Similar Description - LSD1535-64-XX-PF

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11SRWA KINGBRIGHT-SC15-11SRWA Datasheet
215Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
LIGITEK electronics co....
LSD1525-6EGR-XX-PF LIGITEK-LSD1525-6EGR-XX-PF Datasheet
154Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (1.5Inch)
logo
Kingbright Corporation
SC15-11SRWA KINGBRIGHT-SC15-11SRWA_06 Datasheet
126Kb / 4P
   38mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11GWA KINGBRIGHT-SA15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11YWA KINGBRIGHT-SC15-11YWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11SRWA KINGBRIGHT-SA15-11SRWA_06 Datasheet
126Kb / 4P
   38mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11EWA KINGBRIGHT-SA15-11EWA Datasheet
218Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SBC15-11EGWA KINGBRIGHT-SBC15-11EGWA Datasheet
296Kb / 7P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SBA15-11EGWA KINGBRIGHT-SBA15-11EGWA Datasheet
296Kb / 7P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com