Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD511-24-XX-PF Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LSD511-24-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.56 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD511-24-XX-PF Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LSD511-24-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD511-24-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD511-24-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD511-24-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD511-24-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD511-24-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD511-24-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD511-24-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD511-24-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 7/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
260
°C3sec Max
5
°/sec
max
260°
120°
Temp(
°C)
Time(sec)
150
50
100
2
°/sec
max
25°
Preheat
0
60 Seconds Max
PART NO. LSD511/24-XX-PF


Similar Part No. - LSD511-24-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD511-24-XX LIGITEK-LSD511-24-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
More results

Similar Description - LSD511-24-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD511-24-XX LIGITEK-LSD511-24-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-2DBK-XX-PF LIGITEK-LSD511-2DBK-XX-PF Datasheet
164Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-21-XX-PF LIGITEK-LSD511-21-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-25-XX-PF LIGITEK-LSD511-25-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-26-XX LIGITEK-LSD511-26-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22-XX-PF LIGITEK-LSD511-22-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-25-XX-RP63-PF LIGITEK-LSD511-25-XX-RP63-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-2SBKS-XX-PF LIGITEK-LSD511-2SBKS-XX-PF Datasheet
259Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22V-XX LIGITEK-LSD511-22V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-24-T-XX LIGITEK-LSD511-24-T-XX Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com