Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD505-61-XX-RP3 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSD505-61-XX-RP3
Description  SINGLE DIGIT LED DISPLAY (0.5lnch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD505-61-XX-RP3 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSD505-61-XX-RP3 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD505-61-XX-RP3 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD505-61-XX-RP3 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD505-61-XX-RP3 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD505-61-XX-RP3 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD505-61-XX-RP3 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD505-61-XX-RP3 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD505-61-XX-RP3 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2.0
1.1
-20
800
Wavelength (nm)
600
700
900
1000
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
0.5
0.0
1.0
0.9
1.0
0.8
-40
-20
0
20
40
60
80
100
0.0
-40
1.0
0.5
1.5
Ambient Temperature(
)
60
20
040
100
80
Fig.2 Relative Intensity vs. Forward Current
Fig.4 Relative Intensity vs. Temperature
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
H CHIP
3.0
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
0.1
1.2
1.0
2.0
1000
1.0
10
100
0.5
4.0
5.0
2.5
3.0
1.0
0.0
2.5
1.5
1.0
2.0
3.0
LSD505/61-XX/RP3
Typical Electro-Optical Characteristics Curve
PART NO.
Forward Current(mA)
10
100
1000
Page 6/7


Similar Part No. - LSD505-61-XX-RP3

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD505-61-XX-RP3-PF LIGITEK-LSD505-61-XX-RP3-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
More results

Similar Description - LSD505-61-XX-RP3

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD515-65-XX LIGITEK-LSD515-65-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY
LSD315-6DBK-XX-PF LIGITEK-LSD315-6DBK-XX-PF Datasheet
251Kb / 9P
   SINGLE DIGIT LED DISPLAY
LSD515-62-XX LIGITEK-LSD515-62-XX Datasheet
92Kb / 8P
   SINGLE DIGIT LED DISPLAY
LSD355-6DBK-XX-PF LIGITEK-LSD355-6DBK-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY
logo
Micro Electronics
MS136-C MICRO-ELECTRONICS-MS136-C Datasheet
90Kb / 2P
   LED SINGLE DIGIT DISPLAY
logo
LIGITEK electronics co....
LSD535-6WK-XX-PF LIGITEK-LSD535-6WK-XX-PF Datasheet
218Kb / 11P
   SINGLE DIGIT LED DISPLAY
LSD4015-63HS-XX LIGITEK-LSD4015-63HS-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY
LSD815-62U-XX-PF LIGITEK-LSD815-62U-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY
LSD535-6DBK-XX-PF LIGITEK-LSD535-6DBK-XX-PF Datasheet
163Kb / 9P
   SINGLE DIGIT LED DISPLAY
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com