Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD355-66F-XX-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSD355-66F-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.39Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD355-66F-XX-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSD355-66F-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD355-66F-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD355-66F-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD355-66F-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD355-66F-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD355-66F-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD355-66F-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD355-66F-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD355-66F-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
600
Wavelength (nm)
550
0
700
650
0.5
0.5
20
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
1.0
Ambient Temperature(
)
0.8
-0
-20
-40
60
40
20
80
100
0
-40
-20
-0
60
40
80
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
100
Forward Current(mA)
Forward Voltage(V)
1.5
1.0
0.1
2.5
2.0
3.0
1.0
10
0
1.0
10
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
1000
3.5
2.5
Typical Electro-Optical Characteristics Curve
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.0
HRF CHIP
PART NO. LSD355/66F-XX-PF
Page6/8


Similar Part No. - LSD355-66F-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62-XX-S4 LIGITEK-LSD355-62-XX-S4 Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD355-62P-XX LIGITEK-LSD355-62P-XX Datasheet
119Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results

Similar Description - LSD355-66F-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-P19-PF LIGITEK-LSD355-6SBKS-XX-P19-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBK-XX-PF LIGITEK-LSD355-6SBK-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62P-XX LIGITEK-LSD355-62P-XX Datasheet
119Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-65-XX-PF LIGITEK-LSD355-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com