Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD3C5-62V-XX-PF Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LSD3C5-62V-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.31 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD3C5-62V-XX-PF Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LSD3C5-62V-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD3C5-62V-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD3C5-62V-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD3C5-62V-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD3C5-62V-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD3C5-62V-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD3C5-62V-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD3C5-62V-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD3C5-62V-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2
°/sec
max
60 Seconds Max
120°
Preheat
0
25°
Temp(
° C)
260°
50
100
260
°C3sec Max
5
°/sec
max
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
150
Time(sec)
Page 7/8
PART NO. LSD3C5/62V-XX-PF


Similar Part No. - LSD3C5-62V-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3C5-62-XX-RP4-PF LIGITEK-LSD3C5-62-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
More results

Similar Description - LSD3C5-62V-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3C5-65-R1-XX-KP4-PF LIGITEK-LSD3C5-65-R1-XX-KP4-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-62-XX-RP4-PF LIGITEK-LSD3C5-62-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-XX-PF LIGITEK-LSD3C5-65-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-64-XX-KP38-PF LIGITEK-LSD3C5-64-XX-KP38-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-RP4-PF LIGITEK-LSD3C5-65-R1-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-KP4 LIGITEK-LSD3C5-65-R1-XX-KP4 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-RP5-PF LIGITEK-LSD3C5-65-R1-XX-RP5-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-64-R1-XX-PF LIGITEK-LSD3C5-64-R1-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
logo
China Semiconductor Cor...
CSS-3108A9 CHINASEMI-CSS-3108A9 Datasheet
189Kb / 6P
   0.31 Inch Single Digit Display
CSS-3108B7 CHINASEMI-CSS-3108B7 Datasheet
186Kb / 6P
   0.31 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com