Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSBKS9UG3392 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSBKS9UG3392
Description  DURL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKS9UG3392 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSBKS9UG3392 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKS9UG3392 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.ANODE GREEN
2.COMMON CATHODE
3.ANODE BLUE
12
9UG
3
SBKS
Page 1/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
5.0
5.9
7.6 8.6
2.0MIN
2.54TYP
18.0MIN
10.5
±0.5
PART NO. LSBKS9UG3392
Package Dimensions
0.5
TYP
1
2
3
2.54TYP
2.0MIN
1.5
MAX
30
°
0
°
100%
25%
50%
0
25%
75%
60
°
Directivity Radiation
-30
°
100% 75%
-60
°
50%
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.


Similar Part No. - LSBKS9UG3392

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LSBKS9UG3392

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LSEFG3393-PF LIGITEK-LSEFG3393-PF Datasheet
128Kb / 7P
   DURL COLOR LED LAMPS
LVYSBKS3392-R2 LIGITEK-LVYSBKS3392-R2 Datasheet
118Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSBKS9SEF3393 LIGITEK-LSBKS9SEF3393 Datasheet
102Kb / 6P
   DURL COLOR LED LAMPS
LSRFDGM3392-D1-A-J LIGITEK-LSRFDGM3392-D1-A-J Datasheet
172Kb / 9P
   DURL COLOR LED LAMPS
LURF9UG3392-PF LIGITEK-LURF9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFDGM3392 LIGITEK-LSRFDGM3392 Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LVYDBK3392-R2 LIGITEK-LVYDBK3392-R2 Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LVYVG3392-PF LIGITEK-LVYVG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFSBKS3392 LIGITEK-LSRFSBKS3392 Datasheet
121Kb / 7P
   DURL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com