Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62304P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TD62304P
Description  7CH LOW ACTIVE DARLINGTON SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62304P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62304P Datasheet HTML 1Page - Toshiba Semiconductor TD62304P Datasheet HTML 2Page - Toshiba Semiconductor TD62304P Datasheet HTML 3Page - Toshiba Semiconductor TD62304P Datasheet HTML 4Page - Toshiba Semiconductor TD62304P Datasheet HTML 5Page - Toshiba Semiconductor TD62304P Datasheet HTML 6Page - Toshiba Semiconductor TD62304P Datasheet HTML 7Page - Toshiba Semiconductor TD62304P Datasheet HTML 8Page - Toshiba Semiconductor TD62304P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TD62304,305P/AP/F/AF
2001-07-16
2
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTICS
SYMBOL
RATING
UNIT
Supply Voltage
VCC
−0.5~7.0
V
P, F
−0.5~35
AF
−0.5~50
Output Sustaining Voltage
AP
VCE (SUS)
−0.5~50
V
Output Current
IOUT
500
mA / ch
−22~VCC +0.5
Input Voltage
VIN
−0.5~7 (Note 1)
V
Input Current
IIN
−10
mA
P
1.0
AP
1.47
Power Dissipation
F, AF
PD
0.625 (Note 2)
W
P
−30~75
Operating Temperature
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: TD62305P / AP / F / AF
Note 2: On glass epoxy PCB (30 × 30 × 1.6 mm Cu 50%)


Similar Part No. - TD62304P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62304P TOSHIBA-TD62304P Datasheet
278Kb / 8P
   7CH LOW ACTIVE DARLINGTON SINK DRIVER
More results

Similar Description - TD62304P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62304P TOSHIBA-TD62304P Datasheet
278Kb / 8P
   7CH LOW ACTIVE DARLINGTON SINK DRIVER
TD62304AFNG TOSHIBA-TD62304AFNG Datasheet
343Kb / 9P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
2006-06-13
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com