Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSBK2040 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSBK2040
Description  ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBK2040 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSBK2040 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBK2040 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBK2040 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBK2040 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBK2040 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
Typical Electrical & Optical Characteristics (Ta=25 )
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Dominant
wave
length
λDnm
470
Tstg
Storage Temperature
468
Blue
LSBK2040 InGaN/SiC
Blue Diffused
PART NO
Peak
wave
length
λPnm
COLOR
Emitted
MATERIAL
Lens
Soldering Temperature
Tsol
IFP
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Electrostatic Discharge
Operating Temperature
Topr
ESD
Ir
PD
Forward Current
Symbol
Parameter
IF
PART NO. LSBK2040
-30 ~ +100
44
160
3.5
4.2
26
450
Viewing
angle
2θ 1/2
(deg)
Forward
voltage
@
mA(V)
Spectral
halfwidth
△λ
nm
Max.
Typ.
20
Typ.
Min.
Luminous
intensity
@20mA(mcd)
Max 260for 5 sec Max
(2mm from body)
100
mA
-20 ~ +80
500
V
50
120
μA
mW
UNIT
30
SBK
mA
Ratings
Page 2/4


Similar Part No. - LSBK2040

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSBK2042S LIGITEK-LSBK2042S Datasheet
79Kb / 5P
   ROUND TYPE LED LAMPS
LSBK2043S LIGITEK-LSBK2043S Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LSBK2043S-P1 LIGITEK-LSBK2043S-P1 Datasheet
107Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LSBK2040

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com