Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEMIX141KT16S Datasheet(PDF) 3 Page - Semikron International

Part # SEMIX141KT16S
Description  Rectifier Thyr./Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX141KT16S Datasheet(HTML) 3 Page - Semikron International

  SEMIX141KT16S Datasheet HTML 1Page - Semikron International SEMIX141KT16S Datasheet HTML 2Page - Semikron International SEMIX141KT16S Datasheet HTML 3Page - Semikron International SEMIX141KT16S Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SEMiX141KT16s
© by SEMIKRON
Rev. 0 – 15.09.2008
3
Fig. 4L: Power dissipation of three modules vs. direct
current
Fig. 4R: Power dissipation of three modules vs. case
temperature
Fig. 5: Recovered charge vs. current decrease
Fig. 6: Transient thermal impedance vs. time
Fig. 7: On-state characteristics
Fig. 8: Surge overload current vs. time


Similar Part No. - SEMIX141KT16S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX141KT16S SEMIKRON-SEMIX141KT16S Datasheet
683Kb / 4P
   Rectifier Thyristor Module
SEMIX141KT16S SEMIKRON-SEMIX141KT16S_10 Datasheet
316Kb / 4P
   Rectifier Thyristor Module
SEMIX141KT16S SEMIKRON-SEMIX141KT16S_15 Datasheet
683Kb / 4P
   Rectifier Thyristor Module
More results

Similar Description - SEMIX141KT16S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX171KH SEMIKRON-SEMIX171KH Datasheet
1Mb / 4P
   Rectifier Thyr./Diode Module
SEMIX171KH16S SEMIKRON-SEMIX171KH16S Datasheet
319Kb / 4P
   Rectifier Thyr./Diode Module
SEMIX171KH16S SEMIKRON-SEMIX171KH16S_10 Datasheet
313Kb / 4P
   Rectifier Thyr./Diode Module
SEMIX302KH16S SEMIKRON-SEMIX302KH16S Datasheet
316Kb / 4P
   Rectifier Thyr./Diode Module
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com