Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC-2405D2 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BC-2405D2
Description  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-2405D2 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BC-2405D2 Datasheet HTML 1Page - Bothhand USA, LP. BC-2405D2 Datasheet HTML 2Page - Bothhand USA, LP. BC-2405D2 Datasheet HTML 3Page - Bothhand USA, LP. BC-2405D2 Datasheet HTML 4Page - Bothhand USA, LP. BC-2405D2 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bothhand USA
www.bothhand.com sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
24 Pin DIL Package
Regulated Output & Low Ripple and Noise
Input / Output Isolation 1K Vdc 3K Vdc
100 % Burn-In
Input π- Filter
Custom Design Available
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page 1
1. Features :
2. Absolute maximum ratings:
( Exceeding these values may damage the module. These are not continuous operating ratings )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
-0.7
5
7.5
12V Input Model
-0.7
12
15
Input Absolute Voltage Range
24V Input Model
-0.7
24
30
Vdc
Output Short circuit duration
Nominal Input Range
---
---
1.0
Second
Operating temperature
Output Full Load
-40
---
+85
Storage temperature
-55
---
+105
3. Nominal Input / Output Electrical Specifications :
( Specifications typical at Ta = +25℃, nominal input voltage, rated output current unless otherwise noted )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
Input Voltage Range
24V Input Model
21.6
24
26.4
Vdc
Line Regulation
Output full Load
---
---
± 0.5
Single Output Model
---
---
± 0.5
Load Regulation
Dual Output Model
± 2
Output Voltage Accuracy
Nominal Input
---
± 1.0
± 2.0
Output Voltage Balance
Dual Output at same Load
---
---
± 1.0
%
Switching Frequency
---
125
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1500
---
---
Isolation Voltage
High Isolation Series
3000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
Isolation Capacitance
1 KHz / 250 mV rms
---
60
---
pF


Similar Part No. - BC-2405D2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BC-2405D2 BOTHHAND-BC-2405D2 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
BC-2405D2(H)LF BOTHHAND-BC-2405D2(H)LF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
More results

Similar Description - BC-2405D2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BC-053R6S1 BOTHHAND-BC-053R6S1_1 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
logo
Power Systems GmbH+Co.K...
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com