Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62064F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TD62064F
Description  4CH HIHG-CURRENT DARLINGTON SINK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62064F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TD62064F Datasheet HTML 1Page - Toshiba Semiconductor TD62064F Datasheet HTML 2Page - Toshiba Semiconductor TD62064F Datasheet HTML 3Page - Toshiba Semiconductor TD62064F Datasheet HTML 4Page - Toshiba Semiconductor TD62064F Datasheet HTML 5Page - Toshiba Semiconductor TD62064F Datasheet HTML 6Page - Toshiba Semiconductor TD62064F Datasheet HTML 7Page - Toshiba Semiconductor TD62064F Datasheet HTML 8Page - Toshiba Semiconductor TD62064F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TD62064,074P/AP/F/AF
2001-06-04
4
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
VCE = 50 V, Ta = 25°C
50
AP, AF
VCE = 50 V, Ta = 85°C
500
VCE = 35 V, Ta = 25°C
50
Output Leakage
Current
P, F
ICEX
1
VCE = 35 V, Ta = 85°C
500
µA
IOUT = 1.25 A, IIN = 2 mA
1.6
Collector−Emitter Saturation Voltage
VCE (sat)
2
IOUT = 0.75 A, IIN = 935 µA
1.25
V
IOUT = 1.0 A
800
DC Current Transfer Ratio
hFE
2
VCE = 2 V
IOUT = 0.25 A
1500
Input Voltage (Output On)
VIN (ON)
3
IOUT = 1.25 A, IIN = 2 mA
2.4
V
VR = 50 V, Ta = 25°C
50
AP, AF
VR = 50 V, Ta = 85°C
100
VR = 35 V, Ta = 25°C
50
Clamp Diode Leakage
Current
F
IR
4
VR = 35 V, Ta = 85°C
100
µA
Clamp Diode Forward Voltage
VF
5
IF = 1.25 A
2
V
Input Capacitance
CIN
6
VIN = 0 V, f = 1MHz
15
pF
P, F
VOUT = 35 V, RL = 29 Ω
Turn−On Delay
AP, AF
tON
VOUT = 50 V, RL = 42 Ω
0.1
P, F
VOUT = 35 V, RL = 29 Ω
Turn−Off Delay
AP, AF
tOFF
7
CL =
15 pF
VOUT = 50 V, RL = 42 Ω
1.0
µs
TEST CIRCUIT
1. ICEX
2. VCE (sat), hFE
3. VIN (ON)
4. IR
5. VF
6. CIN


Similar Part No. - TD62064F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62064F TOSHIBA-TD62064F Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results

Similar Description - TD62064F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APG TOSHIBA-TD62064APG Datasheet
246Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com