Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT3363-S176-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LPT3363-S176-PF
Description  NPN SILICON PHOTOTRANSISTOR LED LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LPT3363-S176-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LPT3363-S176-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LPT3363-S176-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LPT3363-S176-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LPT3363-S176-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 2/3
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
150
Time(sec)
260
°C3sec Max
260°
Temp(
°C)
2
°/sec
max
100
50
Preheat
120°
25°
0
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
5
°/sec
max
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
60 Seconds Max
LPT3363/S176-PF
PART NO.


Similar Part No. - LPT3363-S176-PF

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPT3305-102ML COILCRAFT-LPT3305-102ML Datasheet
89Kb / 1P
   SMT Power Inductors
LPT3305-103ML COILCRAFT-LPT3305-103ML Datasheet
89Kb / 1P
   SMT Power Inductors
LPT3305-152ML COILCRAFT-LPT3305-152ML Datasheet
89Kb / 1P
   SMT Power Inductors
LPT3305-153ML COILCRAFT-LPT3305-153ML Datasheet
89Kb / 1P
   SMT Power Inductors
LPT3305-222ML COILCRAFT-LPT3305-222ML Datasheet
89Kb / 1P
   SMT Power Inductors
More results

Similar Description - LPT3363-S176-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LPT2021-PF LIGITEK-LPT2021-PF Datasheet
85Kb / 4P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPT3331-PF LIGITEK-LPT3331-PF Datasheet
172Kb / 4P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPTV34443-A-PF LIGITEK-LPTV34443-A-PF Datasheet
184Kb / 6P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPT3330 LIGITEK-LPT3330 Datasheet
342Kb / 1P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPTV34443 LIGITEK-LPTV34443 Datasheet
184Kb / 6P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPT3321-PF LIGITEK-LPT3321-PF Datasheet
109Kb / 4P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPT2021-R-PF LIGITEK-LPT2021-R-PF Datasheet
93Kb / 4P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPT2043-01R LIGITEK-LPT2043-01R Datasheet
85Kb / 4P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPT9033-TR1 LIGITEK-LPT9033-TR1 Datasheet
54Kb / 3P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
LPT11243-PF LIGITEK-LPT11243-PF Datasheet
112Kb / 4P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com