Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPG9033-TR2 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LPG9033-TR2
Description  SURFACE MOUNT TYPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LPG9033-TR2 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LPG9033-TR2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LPG9033-TR2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LPG9033-TR2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LPG9033-TR2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LPG9033-TR2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LPG9033-TR2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LPG9033-TR2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LPG9033-TR2 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Cathode
0.5
±0.1
ψ1.9
Page 1/7
Package Dimensions
0.4
±0.1
2.5
1.4
LPG9033/TR2
PART NO.
5.8
±0.5
3.05
±0.5
2.0
B0
t
Po
E
Ko
F
Carrier Type Dimensions
Cathode
P2
Do
W1
W
Polarity
Note : 1.All dimension are in millimeter tolerance is
±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
Note : The tolerances unless mentioned is
±0.2mm,Angle ± 0.5. Unit=mm.
P
0.7
4.3
±0.5
2.8


Similar Part No. - LPG9033-TR2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LPG05AF-25 UTC-LPG05AF-25 Datasheet
133Kb / 4P
   LPG05AF-25
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
LPG10-0500 ETC2-LPG10-0500 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
LPG10-1000 ETC2-LPG10-1000 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
LIGITEK electronics co....
LPG2040-PF LIGITEK-LPG2040-PF Datasheet
135Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LPG9033-TR2

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LPGF9033-TR2 LIGITEK-LPGF9033-TR2 Datasheet
172Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LSE9033-TR2-09 LIGITEK-LSE9033-TR2-09 Datasheet
139Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LVY9033-TR2 LIGITEK-LVY9033-TR2 Datasheet
105Kb / 9P
   SURFACE MOUNT TYPE AND REEL
LVY9033-TR1 LIGITEK-LVY9033-TR1 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LVY9033-T-TR2 LIGITEK-LVY9033-T-TR2 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LHY9033-TR2 LIGITEK-LHY9033-TR2 Datasheet
130Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com