Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TD62001P Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TD62001P
Description  7CH DARLINGTON SINK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TD62001P Datasheet(HTML) 6 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TD62001~004P/AP/F/AF
2001-06-27
6
8. tON, tOFF
Note 1: Pulse width 50 µs, duty cycle 10%
Output impedance 50 Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: See below
INPUT CONDITION
TYPE NUMBER
R1
VIH
TD62001P / AP / F / AF
2.7 kΩ
3 V
TD62002P / AP / F / AF
0
13 V
TD62003P / AP / F / AF
0
3 V
TD62004P / AP / F / AF
0
8 V
Note 3: CL includes probe and jig capacitance.
PRECAUTIONS for USING
This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.
Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short−circuit between outputs, air contamination fault, or fault by improper grounding.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TD62001P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003PA7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003FB7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
ULN2003AP7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003PA7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62007P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62008AP7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62101P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304305P7CH LOW ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304AFN7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn