Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-010GCG5 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTW-010GCG5
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-010GCG5 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTW-010GCG5 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-010GCG5 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-010GCG5 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-010GCG5 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-010GCG5 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-010GCG5 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-010GCG5 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-010GCG5 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-010GCG5 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part No. : LTW-010GCG5
Page :
10
of
11
BNS-OD-C131/A4
6. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-Slectrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LED’s
plastic lens as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low
forward voltage, or “ no lightup ” at low currents.
To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents.
The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product
7.1 Reliability Test
Test Item
Test Condition
Reference Standard
Note
Number of
Damaged
Resistance to Soldering
Heat (Reflow Soldering)
Tsld=260℃, 10sec.
JEITA ED-4701
300 301
2 times
0/50
Solderability
(Reflow Soldering)
Tsld=245±5℃, 3sec.
(Lead Free Solder)
JEITA ED-4701
300 303
1 time
Over 95%
0/50
Thermal Shock
-30℃ ~ 85℃
30min.
30min. .
JEITA ED-4701
300 307
100 cycles
0/50
Temperature Cycle
-40℃ ~ 25℃ ~ 100℃ ~ 25℃
30min.
5min.
30min.
5min.
JEITA ED-4701
100 105
100 cycles
0/50
Moisture Resistance Cyclic
25℃ ~ 65℃ ~ -10℃
90%RH
24HRS./1cycle
JEITA ED-4701
200 203
10 cycles
0/50
High Temperature Storage
Ta=100℃
JEITA ED-4701
200 201
1000 hrs.
0/50
Temperature Humidity
Storage
Ta=60℃, RH=90%
JEITA ED-4701
100 103
1000 hrs.
0/50
Low Temperature Storage
Ta=-40℃
JEITA ED-4701
200 202
1000 hrs.
0/50
Steady State
Operating Life Condition 1
Ta=25℃, IF=20mA
1000 hrs.
0/50
Steady State
Operating Life Condition 2
Ta=25℃, IF=30mA
500 hrs.
0/50
Steady State
Operating Life of High
Temperature
Ta=85℃, IF=5mA
1000 hrs.
0/50
Steady State
Operating Life of High
Humidity Heat
60℃, RH=90% , IF=15mA
500 hrs.
0/50
Steady State
Operating Life of low
Temperature
Ta=-30℃, IF=20mA
1000 hrs.
0/50


Similar Part No. - LTW-010GCG5

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTW-010GCG5 TO-GRACE-LTW-010GCG5 Datasheet
806Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results

Similar Description - LTW-010GCG5

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com