Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-006DCG-E1 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTW-006DCG-E1
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-006DCG-E1 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTW-006DCG-E1 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-006DCG-E1 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-006DCG-E1 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-006DCG-E1 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-006DCG-E1 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-006DCG-E1 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-006DCG-E1 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-006DCG-E1 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-006DCG-E1 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
User Guide
Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package.
If cleaning is necessary, immerse the LED in ethyl alcohol or isopropyl alcohol at
normal temperature for less one minute.
Recommend Printed Circuit Board Attachment Pad
Infrared / vapor phase
Reflow Soldering
Package Dimensions of Tape
Note:
1.All dimensions are in millimeters (inches).
Part No. : LTW-006DCG-E1
Page :
7
of
11
BNS-OD-C131/A4


Similar Part No. - LTW-006DCG-E1

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E1 TO-GRACE-LTW-006DCG-E1 Datasheet
663Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results

Similar Description - LTW-006DCG-E1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com