Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402E120820NRR Datasheet(PDF) 4 Page - Ceramate Technical

Part # 0402E120820NRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0402E120820NRR Datasheet(HTML) 4 Page - Ceramate Technical

  0402E120820NRR Datasheet HTML 1Page - Ceramate Technical 0402E120820NRR Datasheet HTML 2Page - Ceramate Technical 0402E120820NRR Datasheet HTML 3Page - Ceramate Technical 0402E120820NRR Datasheet HTML 4Page - Ceramate Technical 0402E120820NRR Datasheet HTML 5Page - Ceramate Technical 0402E120820NRR Datasheet HTML 6Page - Ceramate Technical 0402E120820NRR Datasheet HTML 7Page - Ceramate Technical 0402E120820NRR Datasheet HTML 8Page - Ceramate Technical 0402E120820NRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPE
SMV0402E
□□□□□□□□RR MODEL
PAGE
4/9
CITATION
DATE
Feb. 13, 2009
SUBJECT
Reliability
REV.
C01
3. ENVIRONMENTAL CHARACTERISTICS
No. Characteristic
Test method and description
3.1
High Temperature
Storage
The specimen shall be subjected to 150 ± 2℃ for 1000 ± 12 hours in a thermostatic bath
without load and then stored at room temperature and humidity for 1 to 2 hours.
The change of varistor voltage shall be within 10﹪.
Step
Temperature
Period
1
-40±3℃
30Min±3
2
Room Temperature
1~2 hours
3
125±2℃
30Min±3
3.2 Temperature Cycle
The temperature cycle of specified
temperature shall be repeated five times
and then stored at room temperature and
humidity for one or two hours. The
change of varistor voltage shall be within
10﹪and mechanical damage shall be
4
Room Temperature
1~2 hours
3.3
High Temperature
Load
After being continuously applied the maximum allowable voltage at 85 ± 2℃ For 1000± 2
hours, the specimen shall be stored at room temperature and humidity for one or two
hours, the change of varistor voltage shall be within 10﹪.
3.4
Damp Heat Load/
Humidity Load
The specimen should be subjected to 40 ± 2℃, 90 to 95%RH environment, and the
maximum allowable voltage applied for 1000 hours, then stored at room temperature
and humidity for one or two hours. The change of varistor voltage shall be within 10%.
3.5
Low Temperature
Storage
The specimen should be subjected to -40 ± 2℃, without load for 500 hours and then
stored at room temperature for one or two hours. The change of varistor voltage shall be
within 10﹪
4. TECHNICAL TERM
No.
Item
Specifications
Description
4.1
Operating Temperature
Range
-40℃ to +85℃
Operating temperature range without derating.
4.2
Storage Temperature
Range
-40℃ to +125℃
Storage temperature range without voltage applied.
4.3
Transient Response
Time
< 50 ns
Time lag between application of surge and varistor's
"turn-on" conduction action.


Similar Part No. - 0402E120820NRR

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
0402ESDA-09 LEIDITECH-0402ESDA-09 Datasheet
765Kb / 5P
   Varistor voltage In = 1 mA DC
0402ESDA-24 LEIDITECH-0402ESDA-24 Datasheet
637Kb / 5P
   Electrical 0402ESDA-24
logo
Eaton All Rights Reserv...
0402ESDA-AEC EATON-0402ESDA-AEC Datasheet
300Kb / 5P
   Automotive grade ESD suppressor
0402ESDA-MLP EATON-0402ESDA-MLP Datasheet
425Kb / 5P
   ESD suppressor
logo
Cooper Bussmann, Inc.
0402ESDA-MLP1 COOPER-0402ESDA-MLP1 Datasheet
357Kb / 2P
   MLP1 ESD Suppressor PolySurg??0402ESDA-MLP1
More results

Similar Description - 0402E120820NRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com