Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTW-2H7C5S Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part No. LTW-2H7C5S
Description  Property of Lite-On Only
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2H7C5S Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTW-2H7C5S Datasheet HTML 1Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 2Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at Ta=25℃
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Luminous Intensity
Iv
880
1800
mcd
IF = 20mA
Note 1,2,3
Iv Spec. Table
Viewing Angle
1/2
56
deg
Note 4
x
0.305
Chromaticity Coordinates
y
0.290
IF = 20mA
Note 5
Hue Spec. Table &
Chromaticity Diagram
Forward Voltage
VF
3.6
4.0
V
IF = 20mA
Reverse Current
IR
10
μA
VR = 5V
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. The Iv guarantee should be added ±15﹪tolerance.
3. Iv classification code is marked on each packing bag.
4. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
5. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
6. Precautions in handling:
‧ When soldering, leave 2mm of minimum clearance from the resin to the soldering point.
‧ Dipping the resin to solder must be avoided.
‧ Correcting the soldered position after soldering must be avoided.
‧ In soldering, do not apply any stress to the lead frame particularly when heated.
‧ Lead forming must be done before soldering.
‧ It is necessary to cut the lead frame at normal temperature.
7. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery
must be properly grounded.
Part No. : LTW-2H7C5S
Page :
3
of
8
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn