Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTW-2H7C5S Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part No. LTW-2H7C5S
Description  Property of Lite-On Only
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2H7C5S Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTW-2H7C5S Datasheet HTML 1Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 2Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2H7C5S Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Iv Spec. Table for Reference
Luminous Intensity (mcd) , If = 20mA
Iv
Bin
min.
max.
QR
1150
1900
ST
1900
3200
Luminous Intensity Measurement allowance is 15%
Hue Spec. Table for Reference
Hue
Bin
Chromaticity Coordinates
x
0.250
0.250
0.290
0.290
AA
y
0.205
0.250
0.305
0.26
x
0.290
0.290
0.330
0.330
BB
y
0.260
0.305
0.365
0.320
x
0.330
0.330
0.370
0.370
CC
y
0.320
0.365
0.420
0.375
Color Coordinates Measurement allowance is ±0.01
C.I.E. 1931 Chromaticity Diagram
Part No. : LTW-2H7C5S
Page :
6
of
8
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn