Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF1S028 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # LF1S028
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LF1S028 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  LF1S028 Datasheet HTML 1Page - Bothhand USA, LP. LF1S028 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
P/N : LF1S028
Page : 2/2
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A4(02/10)
Mechanical
1. Plastic Material
: PBT 15% Glass Filled(UL 94V-0), Black Housing
2. Metal Shield
: Brass C2680-H, 20u Nickel Plated, t=0.25mm
3. Spring Wire
: 0.45mm Dia. Phosphor bronze with 6u gold plated
4. Solder Pin
: 0.4x0.4mm, Phosphor bronze with solder Plated
5. Durability
: 300 Mating cycles Min.
PCB Layout Mounting Hole(Top View)


Similar Part No. - LF1S028

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LF1S028 BOTHHAND-LF1S028 Datasheet
378Kb / 3P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTERS
LF1S028-LF BOTHHAND-LF1S028-LF Datasheet
175Kb / 2P
   RJ-45 needs to be matched FCC standard
LF1S028LF BOTHHAND-LF1S028LF Datasheet
175Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS & FILTER
More results

Similar Description - LF1S028

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LF1S021 BOTHHAND-LF1S021 Datasheet
236Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
LF1S022-43 BOTHHAND-LF1S022-43 Datasheet
137Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
LF1S028LF BOTHHAND-LF1S028LF Datasheet
175Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS & FILTER
LT1S021 BOTHHAND-LT1S021 Datasheet
78Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023B BOTHHAND-LT1S023B Datasheet
75Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1S022 BOTHHAND-LT1S022 Datasheet
77Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S103 BOTHHAND-LT1S103 Datasheet
125Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S001 BOTHHAND-LT1S001 Datasheet
63Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S104A BOTHHAND-LT1S104A Datasheet
111Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1T104A BOTHHAND-LT1T104A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com