Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4S1344M Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 4S1344M
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

4S1344M Datasheet(HTML) 1 Page - Bothhand USA, LP.

  4S1344M Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T1/E1/CEPT/ISDN-PRI TRANSFORMER
P/N:4S1344M
DATA SHEET
page:1/1
Feature
!
Industry’s smallest T1/E1 quad-port transformer module.
!
Crosstalk:-60 dB typically.
!
Operating temperature range : -40℃ to +85℃.
!
Storage temperature range: -40℃ to +125℃.
!
At-40℃﹐OCL is 600uH minimum. All other parameters are
specified at+25℃
Electrical Specifications @ 25°C
Turns Ratio(±5%)
Part
Number
Pri(1-2;5-6;9-10;13-14)
Pri(3-4;7-8;11-12;15-16)
4S1344M
1:1
1:2
Continue
Part
Number
OCL
(mH Min)
L.L
(uH Max)
CW/W
(pF Max)
HI-POT
(Vrms )
4S1344M
1.2
0.6
30
1500
Schematic
Mechanical
Bothhandusa.com
4S1344M


Similar Part No. - 4S1344M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
4S1009 BOTHHAND-4S1009 Datasheet
135Kb / 1P
   T1/E1/CEPT /ISDN-PRI QUAD TRANSFORMER
4S1010 BOTHHAND-4S1010 Datasheet
57Kb / 1P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMER
4S1063 BOTHHAND-4S1063 Datasheet
80Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
More results

Similar Description - 4S1344M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
   T1/CEPT/E1/ISDN-PRI TRANSFORMER
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1035 BOTHHAND-S1035 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1473M BOTHHAND-4S1473M Datasheet
101Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com