Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD8811-2CURFVG-XX-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LMD8811-2CURFVG-XX-PF
Description  DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LMD8811-2CURFVG-XX-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LMD8811-2CURFVG-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LMD8811-2CURFVG-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LMD8811-2CURFVG-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LMD8811-2CURFVG-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LMD8811-2CURFVG-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LMD8811-2CURFVG-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LMD8811-2CURFVG-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LMD8811-2CURFVG-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LMD8811-2CURFVG-XX-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Iv(mcd)
31
18
Typ.
Min.
Vf(v)
2.4
1.8
Typ. Max.
Electrical
2:1
IV-M
△λ
(nm)
20
λP
(nm)
---
Red
Emitted
Material
AlGaInP
CHIP
common
cathode
or anode
Common
Cathode
1.5
Min.
Common
Anode
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LMD8811CURFVG-XX-PF
Part Selection And Application Information(Ratings at 25)
PART NO
GaP
Green
565
30
1.7
2.1
2.6
7.2
12.8
LMD8812CURFVG-XX-PF
GaP
Green
Red
---
565
30
20
1.5
1.7
2.1
1.8
2.4
2.6
7.2
18
31
12.8
AlGaInP
5/10
Page
UNIT
VG
URF
Ratings
Symbol
Parameter
mA
mA
30
50
120
130
V
μA
----
2000
10
120
mW
100
IF
IFP
Forward Current
Peak Forward Current
Duty 1/10@10KHz
ESD
Ir
Reverse Current @5V
Electrostatic Discharge( * )
PD
Power Dissipation
Topr
Tstg
Storage Temperature
Operating Temperature
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
-25 ~ +85
-25 ~ +85
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
λD
(nm)
630
---
630
---
LMD8811/2CURFVG-XX-PF
PART NO.


Similar Part No. - LMD8811-2CURFVG-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8811-2CHRFVG-XX-PF LIGITEK-LMD8811-2CHRFVG-XX-PF Datasheet
216Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSR9UG-XX-PF LIGITEK-LMD8811-2CSR9UG-XX-PF Datasheet
216Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSRVG-XX LIGITEK-LMD8811-2CSRVG-XX Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSRVG-XX-PF LIGITEK-LMD8811-2CSRVG-XX-PF Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSRVG-XX-RP15-PF LIGITEK-LMD8811-2CSRVG-XX-RP15-PF Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
More results

Similar Description - LMD8811-2CURFVG-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8811-2CSRVG-XX-PF LIGITEK-LMD8811-2CSRVG-XX-PF Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSRVG-XX LIGITEK-LMD8811-2CSRVG-XX Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CHRFVG-XX-PF LIGITEK-LMD8811-2CHRFVG-XX-PF Datasheet
216Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSR9UG-XX-PF LIGITEK-LMD8811-2CSR9UG-XX-PF Datasheet
216Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8821-2DHRF9UG-XX-PF LIGITEK-LMD8821-2DHRF9UG-XX-PF Datasheet
194Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY
LMD8811-2A9UG-XX-PF LIGITEK-LMD8811-2A9UG-XX-PF Datasheet
173Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY
LMD8811-2AHY-XX-PF LIGITEK-LMD8811-2AHY-XX-PF Datasheet
199Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY
LMD8821-2DHRFVG-XX LIGITEK-LMD8821-2DHRFVG-XX Datasheet
177Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2HEGR-XX-PF LIGITEK-LMD8821-2HEGR-XX-PF Datasheet
199Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD5701-2AVY-XX-PF LIGITEK-LMD5701-2AVY-XX-PF Datasheet
152Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.68Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com