Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS-WT150 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part No. TS-WT150
Description  FIBER CHANNEL DUAL TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOTHHAND [Bothhand USA, LP.]
Homepage  http://www.bothhandusa.com
Logo 

TS-WT150 Datasheet(HTML) 1 Page - Bothhand USA, LP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
FIBER CHANNEL DUAL TRANSFORMER
P/N:TS-WT150 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A6(02/06)
Feature
Designed for FDDI & ATM application.
16 PIN surface mountable.
Frequency range 2 MHz to 266 MHz.
Operating temperature range: 0℃ to +70℃
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)
OCL (uH Min)
@
100KHz/0.2V
Cw/w
(pF Max)
L.L
(uH Max)
DCR
(Ω Max)
Rise Time
(20%~80%)
(nS Max)
HI-POT
(Vrms)
TS-WT150
1:1
15
5
0.10
0.2
0.8
1500
Schematic
Mechanical


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn