Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD8811-2CSR9UG-XX-PF Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LMD8811-2CSR9UG-XX-PF
Description  DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LMD8811-2CSR9UG-XX-PF Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LMD8811-2CSR9UG-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LMD8811-2CSR9UG-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LMD8811-2CSR9UG-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LMD8811-2CSR9UG-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LMD8811-2CSR9UG-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LMD8811-2CSR9UG-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LMD8811-2CSR9UG-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LMD8811-2CSR9UG-XX-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd. LMD8811-2CSR9UG-XX-PF Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
60 Seconds Max
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
Page 9/10
150
100
Time(sec)
2.Wave Soldering Profile
50
0
Preheat
2
°/sec
max
260°
120°
Temp(
°C)
25°
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
260
°C3sec Max
5
°/sec
max
PART NO. LMD8811/2CSR9UG-XX-PF


Similar Part No. - LMD8811-2CSR9UG-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8811-2CSRVG-XX LIGITEK-LMD8811-2CSRVG-XX Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSRVG-XX-PF LIGITEK-LMD8811-2CSRVG-XX-PF Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSRVG-XX-RP15-PF LIGITEK-LMD8811-2CSRVG-XX-RP15-PF Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
More results

Similar Description - LMD8811-2CSR9UG-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8811-2CURFVG-XX-PF LIGITEK-LMD8811-2CURFVG-XX-PF Datasheet
216Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSRVG-XX-PF LIGITEK-LMD8811-2CSRVG-XX-PF Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CSRVG-XX LIGITEK-LMD8811-2CSRVG-XX Datasheet
217Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8811-2CHRFVG-XX-PF LIGITEK-LMD8811-2CHRFVG-XX-PF Datasheet
216Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.9Inch)
LMD8821-2DHRF9UG-XX-PF LIGITEK-LMD8821-2DHRF9UG-XX-PF Datasheet
194Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY
LMD8811-2A9UG-XX-PF LIGITEK-LMD8811-2A9UG-XX-PF Datasheet
173Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY
LMD8811-2AHY-XX-PF LIGITEK-LMD8811-2AHY-XX-PF Datasheet
199Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY
LMD8821-2DHRFVG-XX LIGITEK-LMD8821-2DHRFVG-XX Datasheet
177Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2HEGR-XX-PF LIGITEK-LMD8821-2HEGR-XX-PF Datasheet
199Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD5701-2AVY-XX-PF LIGITEK-LMD5701-2AVY-XX-PF Datasheet
152Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.68Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com