Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD8801-2CSBKS-XX-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LMD8801-2CSBKS-XX-PF
Description  DOT MATRIX DIGIT LED DISPLAY (0.79Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LMD8801-2CSBKS-XX-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

  LMD8801-2CSBKS-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LMD8801-2CSBKS-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LMD8801-2CSBKS-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LMD8801-2CSBKS-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LMD8801-2CSBKS-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LMD8801-2CSBKS-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LMD8801-2CSBKS-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LMD8801-2CSBKS-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LMD8801-2CSBKS-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Description
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Test Condition
Test Item
Reliability Test:
High Temperature
Storage Test
Low Temperature
Storage Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
High Temperature
High Humidity Test
Thermal Shock Test
Operating Life Test
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
This test intended to see soldering well
performed or not.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Page 8/8
LMD8801/2CSBKS-XX-PF
PART NO.


Similar Part No. - LMD8801-2CSBKS-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8801-2CSGM-XX-PF LIGITEK-LMD8801-2CSGM-XX-PF Datasheet
156Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.79Inch)
LMD8801-2CSR-XX-PF LIGITEK-LMD8801-2CSR-XX-PF Datasheet
161Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.79Inch)
More results

Similar Description - LMD8801-2CSBKS-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8801-2CSGM-XX-PF LIGITEK-LMD8801-2CSGM-XX-PF Datasheet
156Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.79Inch)
LMD8801-2CSR-XX-PF LIGITEK-LMD8801-2CSR-XX-PF Datasheet
161Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.79Inch)
LMD8801-2CHYS-XX-PF LIGITEK-LMD8801-2CHYS-XX-PF Datasheet
157Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.79Inch)
LMD8821-2DHRF9UG-XX-PF LIGITEK-LMD8821-2DHRF9UG-XX-PF Datasheet
194Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY
LMD8811-2A9UG-XX-PF LIGITEK-LMD8811-2A9UG-XX-PF Datasheet
173Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY
LMD8811-2AHY-XX-PF LIGITEK-LMD8811-2AHY-XX-PF Datasheet
199Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY
LMD8821-2DHRFVG-XX LIGITEK-LMD8821-2DHRFVG-XX Datasheet
177Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2HEGR-XX-PF LIGITEK-LMD8821-2HEGR-XX-PF Datasheet
199Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD5701-2AVY-XX-PF LIGITEK-LMD5701-2AVY-XX-PF Datasheet
152Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.68Inch)
LMD5741-2BY-XX LIGITEK-LMD5741-2BY-XX Datasheet
141Kb / 8P
   DOT MATRIX DIGIT LED DISPLAY (4.0Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com