Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS075-06 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part No. TS075-06
Description  10 BASE-T SMD ETHERNET TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOTHHAND [Bothhand USA, LP.]
Homepage  http://www.bothhandusa.com
Logo 

TS075-06 Datasheet(HTML) 1 Page - Bothhand USA, LP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared: Qingli wu
Approved: Xu wenbing
Date : 2000/6/7
Drawing no.: Pulse Transformer
REV.:1
Page : 1/1
10 BASE-T SMD ETHERNET TRANSFORMER
P/N: TS075-06 DATA SHEET
A.GENERAL SPECIFICATIONS
1.IEEE 802.3 (10 BASE5/10BASE 2) AND ECMA COMPATIBLE.
2.16 PIN SOL PACKAGE
3.TURN RATIO 1:1+-5%
4.DISSIPATION RATING 75mW
5.HI-POT 2000Vrms
6.INSULATION RESISTANCE 10000M MIN. @50Vdc
7.PEAK PULSE RATING 50VOLTS
B.ELECTRICAL SPECIFICATIONS @25
°C:
1. OCL (OPEN CIRCUIT INDUCTANCE) 75uH+-20% @100KHz, 50mVrms
2. (OTHER OCL ALSO AVAILABLE UPON REQUEST)
3. ET CONSEANT 1.5V.us MIN
4. RISE TIME 1.8 nS MAX
5. COUPLING CAPACITANCE (Cw/w): 10 pF MAX
6. LEAKAGE INDUCTANCE (LL) 0.1uH MAX.
7. DC REISITANCE 0.2 OHM
C. SCHEMATICS & DIMENSIONS & MARKING (Unit: m/m)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn