Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL-4223-051A Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTL-4223-051A
Description  Property of Lite-On Only
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4223-051A Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTL-4223-051A Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4223-051A Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4223-051A Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4223-051A Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4223-051A Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4223-051A Datasheet HTML 6Page - Lite-On Technology Corporation LTL-4223-051A Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite
Property of Lite
Property of Lite
Property of Lite -
--
- O n Only
On Only
On Only
On Only
CAUTIONS
1. Application limitation
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household application.) Consult Liteon’s sales in advance for information on
application in which exceptional quality and reliability are required, particularly when the failure or malfunction
of the LEDs may directly jeopardize life or health (such as airplanes, automobiles, traffic control equipment, life
support system and safety devices).
5. Storage
After being shipped from Liteon the LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs should be used within 3 months. They can be stored for a year in a sealed container with a nitrogen
atmosphere and moisture absorbent material. Please avoid rapid transitions in ambient temperature in high
humidity environments where condensation may occur.
5. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
4. Forming & Mounting
When forming a lead, the leads should be bent at a point at least 3mm from the base of epoxy bulb. Do not use
the base of the leadframe as a fulcrum during forming. Lead forming must be done before soldering at normal
temperature. When mounted through hole type LED lamp, avoid the occurrence of residual mechanical stress
due to clinching.
5. Soldering
When soldering, leave a minimum of 2mm clearance from the resin to the soldering point.
Dipping the resin into the solder must be avoided.
Do not apply any stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering condition
Soldering iron
Wave soldering
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
10 sec. Max.
6. Drive Method
LED is a current operated device, and therefore, requires some kind of current limiting incorporated into the
drive circuit. This current limiting typically takes the form of a current limiter resistor placed in series with
the LED. Consider worst case voltage variations that could occur across the current limiting resistor.
The forward current should not be allowed to change by more than 40% of its desired value.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit.
(B) The difference of brightness between LEDs could be found due to the Vf-If characteristics of LED
Part No. : LTL-4223-051A
Page :
6
of
7
BNS-OD-C131/A4


Similar Part No. - LTL-4223-051A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4223-002 LITEON-LTL-4223-002 Datasheet
225Kb / 5P
   Property of Lite-On Only
LTL-4223-002A LITEON-LTL-4223-002A Datasheet
225Kb / 5P
   Property of Lite-On Only
LTL-4223-012 LITEON-LTL-4223-012 Datasheet
225Kb / 5P
   Property of Lite-On Only
LTL-4223-021 LITEON-LTL-4223-021 Datasheet
235Kb / 5P
   Property of Lite-On Only
LTL-4223-021A LITEON-LTL-4223-021A Datasheet
235Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTL-4223-051A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com