Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL-307G-051 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTL-307G-051
Description  Property of Lite-On Only
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-307G-051 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

  LTL-307G-051 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-307G-051 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-307G-051 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-307G-051 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-307G-051 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-307G-051 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-307G-051 Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite
Property of Lite
Property of Lite
Property of Lite -
--
- O n Only
On Only
On Only
On Only
7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti- electrostatic glove
is recommended when handling these LED. All devices, equipment and machinery must be properly grounded.
8. Reliability Test
Classification
Test Item
Test Condition
Duration
/ Cycle
Referance Standard
Endurance
Test
Room Temp.
Operation Life
Ta= Room Temp,
Ip= 160 mA / 1/8 duty,
Pulse Width =1.25 ms
1000 hrs
MIL-STD-750D:1026 (1995)
MIL-STD-883D:1005 (1991)
JIS C 7021:B-1 (1982)
Temperature
Cycling
105℃ ~ 25℃ ~ -55℃ ~ 25℃
30mins
5mins
30mins 5mins
10 cycles
MIL-STD-202F:107D (1980)
MIL-STD-750D:1051(1995)
MIL-STD-883D:1010 (1991)
JIS C 7021: A-4(1982)
Solder
Resistance
Solder temperature is 260± 5 ℃
10 sec
MIL-STD-202F:210A(1980)
MIL-STD-750D:2031(1995)
JIS C 7021: A-1(1982)
Environmental
Test
Solderability
Solder temperature is 230± 5 ℃
5 sec
MIL-STD-202F:208D(1980)
MIL-STD-750D:2026(1995)
MIL-STD-883D:2003(1991)
JIS C 7021: A-2(1982)
9. Others
The appearance and specifications of the product may be modified for improvement without notice.
Part No. : LTL-307G-051
Page :
7
of
7
BNS-OD-C131/A4


Similar Part No. - LTL-307G-051

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-307G-002 LITEON-LTL-307G-002 Datasheet
253Kb / 5P
   Property of Lite-On Only
LTL-307G-002A LITEON-LTL-307G-002A Datasheet
254Kb / 5P
   Property of Lite-On Only
LTL-307G-011A LITEON-LTL-307G-011A Datasheet
1Mb / 11P
   Through Hole Lamp
LTL-307G-012 LITEON-LTL-307G-012 Datasheet
255Kb / 5P
   Property of Lite-On Only
LTL-307G-012A LITEON-LTL-307G-012A Datasheet
255Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTL-307G-051

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com