Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI2641-1-PF-TRS-X Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LI2641-1-PF-TRS-X
Description  TAPE AND REEL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LI2641-1-PF-TRS-X Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LI2641-1-PF-TRS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LI2641-1-PF-TRS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LI2641-1-PF-TRS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LI2641-1-PF-TRS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LI2641-1-PF-TRS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LI2641-1-PF-TRS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LI2641-1-PF-TRS-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
Wavelength (nm)
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
)
Typical Electro-Optical Characteristics Curve
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Forward Current(mA)
Fig.2 Relative Intensity vs. Forward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
0.1
1.0
10
100
1000
1.0
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
1.0
1.1
1.2
550
600
0.0
0.5
1.0
2.0
3.0
4.0
5.0
80
100
0.8
0.9
-20
-40
40
20
0
80
100
60
2.0
0.0
0.5
1.0
1.5
2.5
3.0
650
700
750
E - I CHIP
Page4/6
LI2641-1-PF/TRS-X
PART NO.
30
°
60
°
0
°
100%
75%
50%
25%
0
25%
-30
°
-60
°
100% 75% 50%
Fig.6 Directivity Radiation


Similar Part No. - LI2641-1-PF-TRS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LI2640 LIGITEK-LI2640 Datasheet
116Kb / 5P
   ROUND TYPE LED LAMPS
LI2640-1 LIGITEK-LI2640-1 Datasheet
115Kb / 5P
   ROUND TYPE LED LAMPS
LI2640-1-PF LIGITEK-LI2640-1-PF Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LI2640-L19-TBS-1 LIGITEK-LI2640-L19-TBS-1 Datasheet
93Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S76-PF-TBS-X LIGITEK-LI2640-S76-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LI2641-1-PF-TRS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG2041-TRS-X LIGITEK-LVG2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2041-TRS-X LIGITEK-LHR2041-TRS-X Datasheet
90Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2043-TRS-X LIGITEK-LHR2043-TRS-X Datasheet
89Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LH2040-TRS-X LIGITEK-LH2040-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LI2040-S91-PF-TRS-X LIGITEK-LI2040-S91-PF-TRS-X Datasheet
126Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LVY2041-TRS-X LIGITEK-LVY2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LEG42292-L11-PF-TRS-X LIGITEK-LEG42292-L11-PF-TRS-X Datasheet
142Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LG2040-TRF-X LIGITEK-LG2040-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LG2041-TRF-5 LIGITEK-LG2041-TRF-5 Datasheet
127Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com