Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B4-0503SS Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part No. B4-0503SS
Description  0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOTHHAND [Bothhand USA, LP.]
Homepage  http://www.bothhandusa.com
Logo 

B4-0503SS Datasheet(HTML) 1 Page - Bothhand USA, LP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B4 - SIL Series
0.6 to 1.5 Watt Isolated DC-DC Converter
Single Regulated Output
BOTHHAND USA. http://www.bothhand.com
1. Features :
! 7 Pin SIL Package
! Low Ripple and Noise
! Input / Output Isolation 1K Vdc or 3K Vdc
! 100 % Burn-In
! Input Filter with Internal Capacitor
! Custom Design Available
2. Absolute maximum ratings:
( Exceeding these values may damage the module. These are not continuous operating ratings )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
-0.7
5
7.5
12V Input Model
-0.7
12
15
Input Absolute Voltage Range
24V Input Model
-0.7
24
30
Vdc
Max. Output power
---
---
1.5
W
Output Short circuit duration
---
---
1.0
Second
Operating temperature
Output Full Load
-40
---
+85
Storage temperature
-55
---
+105
3. Nominal Input / Output Electrical Specifications :
( Specifications typical at Ta = +25℃, nominal input voltage, rated output current unless otherwise noted )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
Input Voltage Range
24V Input Model
21.6
24
26.4
Vdc
Output Voltage Accuracy
---
---
± 1.0
%
Switching Frequency
---
120
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1000
---
---
Isolation Voltage
High Isolation Series
3000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
Isolation Capacitance
1 KHz / 250 mV rms
---
40
---
pF
Line Regulation
---
---
± 0.5
%


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn