Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHY5230-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHY5230-PF
Description  SUPER BRIGHT RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHY5230-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHY5230-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHY5230-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHY5230-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHY5230-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHY5230-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHY5230-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Yellow Diffused
COLOR
Lens
AlGaInP
MATERIAL
LHY5230-PF
PART NO
Yellow
Emitted
50
Luminous
intensity
@20mA(mcd)
Typ.
15
Spectral
halfwidth
△λnm
595
Dominant
wave
length
λDnm
2.6
Max.
Forward
voltage
@
mA(V)
1.7
Min.
20
28
Min.
Viewing
angle
2
θ 1/2
(deg)
110
2/5
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
V
mW
30
60
HY
Ratings
10
2000
Ir
-40 ~ +85
-40 ~ +100
75
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Operating Temperature
Storage Temperature
Electrostatic Discharge( * )
Reverse Current @5V
Power Dissipation
Typical Electrical & Optical Characteristics (Ta=25
)
Symbol
ESD
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
*Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
LHY5230-PF
PART NO.


Similar Part No. - LHY5230-PF

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LHY-1H MINI-LHY-1H Datasheet
278Kb / 5P
   Monolithic Amplifier
LHY-1H++ MINI-LHY-1H+ Datasheet
278Kb / 5P
   Monolithic Amplifier
LHY-84 MINI-LHY-84 Datasheet
274Kb / 5P
   Monolithic Amplifier
LHY-84++ MINI-LHY-84+ Datasheet
274Kb / 5P
   Monolithic Amplifier
logo
LIGITEK electronics co....
LHY11240-PF LIGITEK-LHY11240-PF Datasheet
178Kb / 7P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LHY5230-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF25030 LIGITEK-L8SRF25030 Datasheet
97Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF45840 LIGITEK-L9SEF45840 Datasheet
129Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LUY5730-PF LIGITEK-LUY5730-PF Datasheet
123Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L8SR5230 LIGITEK-L8SR5230 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG15243-PF LIGITEK-L9UG15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LVY5230 LIGITEK-LVY5230 Datasheet
66Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF15243-PF LIGITEK-L9SEF15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSE5233 LIGITEK-LSE5233 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSR45840-PF LIGITEK-LSR45840-PF Datasheet
127Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSRF9UG85093-PF LIGITEK-LSRF9UG85093-PF Datasheet
370Kb / 7P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG5730 LIGITEK-L9UG5730 Datasheet
126Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com