Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHRFVG3363 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LHRFVG3363
Description  BIPOLAR ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFVG3363 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LHRFVG3363 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRFVG3363 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFVG3363 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFVG3363 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFVG3363 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFVG3363 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
25.0MIN
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
75%
100%
50%
0
25%
25%
-60 °
75%
50%
100%
°
60
-30°
0°
°
30
2.54TYP
1.0MIN
2
1
Package Dimensions
PART NO.
ANODE
1.5
MAX
0.5
TYP
7.6
8.6
CATHODE
2
1
VG
HRF
5.0
5.9
LHRFVG3363
Page 1/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LHRFVG3363

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LHRFVG3393-T-PF LIGITEK-LHRFVG3393-T-PF Datasheet
122Kb / 7P
   LOW CURRENT DURL COLOR LED LAMPS
More results

Similar Description - LHRFVG3363

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRFSGM3362-R1 LIGITEK-LSRFSGM3362-R1 Datasheet
518Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LSRFUG3362-R1-PF LIGITEK-LSRFUG3362-R1-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LEG3363-PF LIGITEK-LEG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LSRSR3363-PF LIGITEK-LSRSR3363-PF Datasheet
111Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LVYVG3363-PF LIGITEK-LVYVG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LVYVY3360 LIGITEK-LVYVY3360 Datasheet
66Kb / 5P
   BIPOLAR ROUND TYPE LED LAMPS
LII3360-PF LIGITEK-LII3360-PF Datasheet
111Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LSRSR3363 LIGITEK-LSRSR3363 Datasheet
110Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LYG3363-PF LIGITEK-LYG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LURHUYH3363 LIGITEK-LURHUYH3363 Datasheet
109Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LURHUYH3363-PF LIGITEK-LURHUYH3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com