Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU1S114A Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # LU1S114A
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU1S114A Datasheet(HTML) 2 Page - Bothhand USA, LP.

  LU1S114A Datasheet HTML 1Page - Bothhand USA, LP. LU1S114A Datasheet HTML 2Page - Bothhand USA, LP. LU1S114A Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
P/N: LU1S114A
Page : 2/3
Prepared :Luo Ming Li
Checked by: Xu Wenbing
Approved : Alexander Wu
Drawing no.: Pulse Transformer
REV.:A4
Date : 2001/08/06
D. Mechanical:
1. Plastic Material : PBT 15% Glass Filled (UL 94V-0) , Black Housing
2. Metal Shield
: Brass C2680-H, 20u Nickle Plated, t=0.25mm
3. Spring Wire
: 0.45mm Dia. Phosphor bronze with 6u gold plated .
4. Solder Pin
: 0.4x0.4mm ,Phosphor bronze with Solder plated
5. Durability
: 300 Mating cycles Min .
E. PCB Layout Mounting Hole (Top View)


Similar Part No. - LU1S114A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU1S114 BOTHHAND-LU1S114 Datasheet
239Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S114B BOTHHAND-LU1S114B Datasheet
48Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results

Similar Description - LU1S114A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HU1S041XLF BOTHHAND-HU1S041XLF Datasheet
177Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041LF BOTHHAND-LU1S041LF Datasheet
173Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041LF BOTHHAND-LU1T041LF Datasheet
180Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A BOTHHAND-LU1S041A Datasheet
231Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041B BOTHHAND-LU1S041B Datasheet
199Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041E BOTHHAND-LU1S041E Datasheet
95Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516 BOTHHAND-LU1S516 Datasheet
207Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
PU1T041FN1 BOTHHAND-PU1T041FN1 Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A1LF BOTHHAND-LU1S041A1LF Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516E1 BOTHHAND-LU1S516E1 Datasheet
99Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041H BOTHHAND-LU1T041H Datasheet
107Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com