Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5541IUHPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5541IUHPBF
Description  1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5541IUHPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC5541IUHPBF Datasheet HTML 1Page - Linear Technology LTC5541IUHPBF Datasheet HTML 2Page - Linear Technology LTC5541IUHPBF Datasheet HTML 3Page - Linear Technology LTC5541IUHPBF Datasheet HTML 4Page - Linear Technology LTC5541IUHPBF Datasheet HTML 5Page - Linear Technology LTC5541IUHPBF Datasheet HTML 6Page - Linear Technology LTC5541IUHPBF Datasheet HTML 7Page - Linear Technology LTC5541IUHPBF Datasheet HTML 8Page - Linear Technology LTC5541IUHPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC5541
3
5541f
Low-Side LO Downmixer Application: RF = 1700 to 2200MHz, IF = 190MHz, fLO = fRF–fIF
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 1750MHz
RF = 1950MHz
RF = 2150MHz
6.5
8.6
7.8
7.6
dB
Conversion Gain Flatness
RF = 1950 ±30MHz, LO = 1760MHz, IF=190 ±30MHz
±0.1
dB
Conversion Gain vs Temperature
TA = –40ºC to +85ºC, RF = 1950MHz
–0.006
dB/°C
Input 3rd Order Intercept
RF = 1750MHz
RF = 1950MHz
RF = 2150MHz
24.0
25.5
26.4
25.5
dBm
SSB Noise Figure
RF = 1750MHz
RF = 1950MHz
RF = 2150MHz
9.2
9.6
10.6
11.7
dB
SSB Noise Figure Under Blocking
fRF = 1950MHz, fLO = 1760MHz,
fBLOCK = 2050MHz, PBLOCK = 5dBm
16
dB
2RF – 2LO Output Spurious Product
(fRF = fLO + fIF/2)
fRF = 1855MHz at –10dBm, fLO = 1760MHz, fIF = 190MHz
–67
dBc
3RF – 3LO Output Spurious Product
(fRF = fLO + fIF/3)
fRF = 1823.33MHz at –10dBm, fLO = 1760MHz, fIF = 190MHz
–73
dBc
Input 1dB Compression
RF = 1950MHz, VCCIF = 3.3V
RF = 1950MHz, VCCIF = 5V
11.3
14.6
dBm
AC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, SHDN = Low, TA = 25°C, PLO = 0dBm,
PRF = –3dBm (Δf = 2MHz for two-tone IIP3 tests),unless otherwise noted. Test circuit shown in Figure 1. (Notes 2, 3, 4)
High-Side LO Downmixer Application: RF = 1300-1800MHz, IF = 190MHz, fLO = fRF+fIF
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 1450MHz
RF = 1600MHz
RF = 1750MHz
8.9
8.4
8.0
dB
Conversion Gain Flatness
RF = 1600MHz ±30MHz, LO = 1790MHz, IF = 190 ±30MHz
±0.1
dB
Conversion Gain vs Temperature
TA = –40°C to 85°C, RF = 1600MHz
–0.006
dB/°C
Input 3rd Order Intercept
RF = 1450MHz
RF = 1600MHz
RF = 1750MHz
24.5
24.6
24.3
dBm
SSB Noise Figure
RF = 1450MHz
RF = 1600MHz
RF = 1750MHz
9.5
9.9
9.9
dB
SSB Noise Figure Under Blocking
fRF = 1600MHz, fLO = 1790MHz, fIF = 190MHz
fBLOCK = 1500MHz, PBLOCK = 5dBm
18
dB
2LO – 2RF Output Spurious Product
(fRF = fLO – fIF/2)
fRF = 1695MHz at –10dBm, fLO = 1790MHz
fIF = 190MHz
–69
dBc
3LO – 3RF Output Spurious Product
(fRF = fLO – fIF/3)
fRF = 1726.67MHz at –10dBm, fLO = 1790MHz
fIF = 190MHz
–74
dBc
Input 1dB Compression
RF = 1750MHz, VCCIF = 3.3V
RF = 1750MHz, VCCIF = 5V
11.1
14.4
dBm


Similar Part No. - LTC5541IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5541IUHPBF LINER-LTC5541IUHPBF Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5541IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5541 LINER-LTC5541 Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_15 Datasheet
253Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540_15 Datasheet
303Kb / 16P
   600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540 Datasheet
55Kb / 1P
   0.6GHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5593 LINER-LTC5593_15 Datasheet
476Kb / 28P
   Dual 2.3GHz to 4.5GHz High Dynamic Range Downconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com