Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5541IUHPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC5541IUHPBF
Description  1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5541IUHPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC5541IUHPBF Datasheet HTML 4Page - Linear Technology LTC5541IUHPBF Datasheet HTML 5Page - Linear Technology LTC5541IUHPBF Datasheet HTML 6Page - Linear Technology LTC5541IUHPBF Datasheet HTML 7Page - Linear Technology LTC5541IUHPBF Datasheet HTML 8Page - Linear Technology LTC5541IUHPBF Datasheet HTML 9Page - Linear Technology LTC5541IUHPBF Datasheet HTML 10Page - Linear Technology LTC5541IUHPBF Datasheet HTML 11Page - Linear Technology LTC5541IUHPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC5541
8
5541f
PIN FUNCTIONS
NC (Pin 1): This pin is not connected internally. It can be
left floating, connected to ground or to VCC.
RF (Pin 2): Single-Ended Input for the RF Signal. This pin
is internally connected to the primary side of the RF input
transformer, which has low DC resistance to ground. A
series DC-blocking capacitor should be used to avoid
damage to the integrated transformer. The RF input is
impedance matched, as long as the selected LO input is
driven with a 0dBm ±6dB source between 1.4GHz and
2GHz.
CT (Pin 3): RF Transformer Secondary Center-Tap. This
pin may require a bypass capacitor to ground. See the
Applications Information section. This pin has an internally
generated bias voltage of 1.2V. It must be DC-isolated
from ground and VCC.
GND (Pins 4, 10, 12, 13, 17, Exposed Pad Pin 21):
Ground. These pins must be soldered to the RF ground
plane on the circuit board. The exposed pad metal of the
package provides both electrical contact to ground and
good thermal contact to the printed circuit board.
SHDN (Pin 5): Shutdown Pin. When the input voltage is
less than 0.3V, the internal circuits supplied through pins
6, 8, 14, 18 and 19 are enabled. When the input voltage
is greater than 3V, all circuits are disabled. Typical input
current is less than 10μA. This pin must not be allowed
to float.
VCC2 (Pin 6) and VCC1 (Pin 8): Power Supply Pins for
the LO Buffer and Bias Circuits. These pins are internally
connected and must be externally connected to a regulated
3.3V supply, with bypass capacitors located close to the
pin. Typical current consumption is 92mA.
LOBIAS (Pin 7): This Pin Allows Adjustment of the LO
Buffer Current. Typical DC voltage is 2.2V.
LOSEL (Pin 9): LO1/LO2 Select Pin. When the input voltage
is less than 0.3V, the LO1 port is selected. When the input
voltage is greater than 3V, the LO2 port is selected. Typical
input current is 11μA for LOSEL = 3.3V. This pin must not
be allowed to float.
LO1 (Pin 11) and LO2 (Pin 15): Single-Ended Inputs for
the Local Oscillators. These pins are internally biased
at 0V and require external DC blocking capacitors. Both
inputs are internally matched to 50Ω, even when the chip
is disabled (SHDN = high).
VCC3 (Pin 14): Power Supply Pin for the LO Switch. This
pin must be connected to a regulated 3.3V supply and
bypassed to ground with a capacitor near the pin. Typical
DC current consumption is less than 100μA.
IFGND (Pin 16): DC Ground Return for the IF Amplifier.
This pin must be connected to ground to complete the
IF amplifier’s DC current path. Typical DC current is
100mA.
IF(Pin 18) and IF+ (Pin 19):
Open-Collector Differential
Outputs for the IF Amplifier. These pins must be connected
to a DC supply through impedance matching inductors, or
a transformer center-tap. Typical DC current consumption
is 50mA into each pin.
IFBIAS(Pin20):ThisPinAllowsAdjustmentoftheIFAmplifier
Current. Typical DC voltage is 2.1V.


Similar Part No. - LTC5541IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5541IUHPBF LINER-LTC5541IUHPBF Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5541IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5541 LINER-LTC5541 Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_15 Datasheet
253Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540_15 Datasheet
303Kb / 16P
   600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540 Datasheet
55Kb / 1P
   0.6GHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5593 LINER-LTC5593_15 Datasheet
476Kb / 28P
   Dual 2.3GHz to 4.5GHz High Dynamic Range Downconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com