Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3588IMSE-1PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3588IMSE-1PBF
Description  Piezoelectric Energy Harvesting Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3588IMSE-1PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3588IMSE-1PBF Datasheet HTML 2Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 3Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 4Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 5Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 6Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 7Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 8Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 9Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3588-1
6
35881f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs VIN for
ILOAD = 100mA, L = 100μH
Efficiency vs VIN for
VOUT = 3.3V, L = 100μH
Efficiency vs VIN for
ILOAD = 100mA, L = 10μH
Efficiency vs VIN for
VOUT = 3.3V, L = 10μH
VIN (V)
35881 G20
100
90
50
60
70
80
40
210
8
6
416
18
14
12
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 3.6V
VIN (V)
35881 G21
95
85
45
55
65
75
35
410
8
616
18
14
12
ILOAD = 10μA
ILOAD = 50μA
ILOAD = 100μA
ILOAD = 1mA
ILOAD = 100mA
Efficiency vs ILOAD, L = 100μH
LOAD CURRENT (A)
35881 G22
100
90
10
20
30
80
70
60
50
40
0
VIN = 5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 3.6V
10μ
10m
100m
1m
100μ
VIN (V)
35881 G23
100
90
80
70
60
50
40
28
6
418
10
12
14
16
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 3.6V
VIN (V)
35881 G24
95
85
45
55
65
75
35
410
8
616
18
14
12
ILOAD = 10μA
ILOAD = 30μA
ILOAD = 50μA
ILOAD = 100μA
ILOAD = 100mA
Efficiency vs ILOAD, L = 10μH
LOAD CURRENT (A)
35881 G19
100
90
30
40
50
60
70
80
20
10
0
10μ
10m
100m
1m
100μ
VIN = 5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 3.6V
IPEAK vs Temperature
RDS(ON) of PMOS/NMOS
vs Temperature
TEMPERATURE (°C)
–55
300
280
250
240
230
210
270
290
220
260
200
25
105
–15
65
35881 G16
125
585
–35
45
TEMPERATURE (°C)
–55
2.0
1.6
1.0
1.4
1.8
1.2
0.8
25
105
–15
65
35881 G17
125
585
–35
45
PMOS
NMOS
Operating Waveforms
5μs/DIV
OUTPUT
VOLTAGE
50mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
200mA/DIV
VIN = 5V, VOUT = 3.3V
ILOAD = 1mA
L = 10μH, COUT = 47μF
SWITCH
VOLTAGE
2V/DIV
0mA
0V
35881 G18


Similar Part No. - LTC3588IMSE-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-1 LINER-LTC3588-1 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3588-1 LINER-LTC3588-1 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3588-1 LINER-LTC3588-1 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3588-1 LINER-LTC3588-1 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3588-1 LINER-LTC3588-1 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
More results

Similar Description - LTC3588IMSE-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-2 LINER-LTC3588-2_10 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3588-1 LINER-LTC3588-1_15 Datasheet
501Kb / 20P
   Nanopower Energy Harvesting Power Supply
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
Linear Technology
LTC3588-2 LINER-LTC3588-2_15 Datasheet
419Kb / 18P
   Nanopower Energy Harvesting Power Supply with 14V Minimum VIN
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
   ENERGY HARVESTING ELECTRONICS
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
List of Unclassifed Man...
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
   ENERGY HARVESTING ELECTRONICS
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
   Solar Cell Energy Harvesting
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
   POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com