Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR45A48-21A11 Datasheet(PDF) 1 Page - Powerbox

Part # TR45A48-21A11
Description  45 WATTS SINGLE OUTPUT AC/DC GENERAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

TR45A48-21A11 Datasheet(HTML) 1 Page - Powerbox

  TR45A48-21A11 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
258
TR45 Series
45 W A TTS SINGLE OUTPUT AC/DC GENERAL
Features
• Wide input voltage 90VAC to 264VAC, 50/60Hz
• Continuous short circuit protection
• Output voltage available from 5VDC to 48VDC
• High efficiency 82% typical
• Meets EN55022 Class ”B”, conducted emissions
• MEPS compliance
Specifications
INPUT
Voltage range
90 to 264Vac
Frequency
47Hz to 63Hz
Inrush current
50A max @ 264Vac
Isolation
Input to Output 4242Vdc
Leakage current
1.5mA max.
OUTPUT
Output voltage
Factory preset, see table (not adjustable)
Voltage set-point
+/-2% to +/-4% (60% load)
Ripple and noise
1% p-p max
Short circuit protection
Continuous (Auto recovery)
Over voltage protection
Option
Hold-up time
8ms typ @ 115Vac
Load regulation
+/-2 to +/-6% (20% to 100% load)
Line regulation
+/-1% max at full load
ENVIRONMENTAL
Operating temperature
0°C to +40°C
Storage temperature
-20°C to +85°C
MODEL
NUMBER
RATED
Vnom
OUTPUT
CURRENT
MAX POWER
TR45A05-21A11
5Vdc
6.0A
30W
TR45A12-21A11
12Vdc
3.75A
45W
TR45A15-21A11
15Vdc
3.0A
45W
TR45A18-21A11
18Vdc
2.5A
45W
TR45A19-21A11
19Vdc
2.37A
45W
TR45A24-21A11
24Vdc
1.88A
45W
TR45A48-21A11
48Vdc
1.0A
48W
STANDARDS AND APPROVALS
Safety standards
NSW Office of Fair Trading Certificate of approval
NSW19568, EN60950, IEC60950, AS/NZS60950
C-tick
AS/NZS CISPR 11:2002 Group 1,
EMI standards
Class B; Meets EN55022 class “B”, conducted
RCM
Complies with AS/NZS 4417 Parts 1,2,3
MECHANICAL
Dimensions
58x132x30mm
Weight
350g
AC Inlet
IEC320/C14
Output connector
Right angle, hollow coaxial plug, 2.5mm inside
diameter; 5.5mm outside diameter; 9.5mm length
Center positive polarity.
DC cord length
720mm with ferrite core 18AWG/UL1185 Note:
TR45A05 is 16AWG/UL1185
Selection Table
Technical Illustration
Note: MEPS compliance model
number change to eg. TRG45A12-
21A11. Available, OCT 2007.


Similar Part No. - TR45A48-21A11

ManufacturerPart #DatasheetDescription
logo
SICK AG
TR4-SAM01C SICK-TR4-SAM01C Datasheet
515Kb / 7P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM03P SICK-TR4-SAM03P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAU01C SICK-TR4-SAU01C Datasheet
505Kb / 7P
   NON-CONTACT SAFETY SWITCHES
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results

Similar Description - TR45A48-21A11

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
GRN-45 IPDPOWER-GRN-45 Datasheet
386Kb / 2P
   45 WATTS MULTI OUTPUT AC-DC
REV. X 10/9/2022
logo
Powerbox
TR36 POWERBOX-TR36 Datasheet
278Kb / 1P
   36 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP120 POWERBOX-PUP120 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
TR20B033-21A11 POWERBOX-TR20B033-21A11 Datasheet
414Kb / 1P
   20 WATTS SINGLE OUTPUT AC/DC GENERAL
TR100 POWERBOX-TR100 Datasheet
386Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC GENERAL
PBN3C-12S POWERBOX-PBN3C-12S Datasheet
555Kb / 1P
   270 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP150 POWERBOX-PUP150 Datasheet
435Kb / 2P
   150 WATTS SINGLE OUTPUT AC/DC GENERAL
TR70 POWERBOX-TR70 Datasheet
614Kb / 1P
   70 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP30 POWERBOX-PUP30 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
SRW-45 IPDPOWER-SRW-45 Datasheet
299Kb / 2P
   45 WATTS SRW-45 SERIES AC-DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com