Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2355IMSE-14PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2355IMSE-14PBF
Description  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2355IMSE-14PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2355IMSE-14PBF Datasheet HTML 3Page - Linear Technology LTC2355IMSE-14PBF Datasheet HTML 4Page - Linear Technology LTC2355IMSE-14PBF Datasheet HTML 5Page - Linear Technology LTC2355IMSE-14PBF Datasheet HTML 6Page - Linear Technology LTC2355IMSE-14PBF Datasheet HTML 7Page - Linear Technology LTC2355IMSE-14PBF Datasheet HTML 8Page - Linear Technology LTC2355IMSE-14PBF Datasheet HTML 9Page - Linear Technology LTC2355IMSE-14PBF Datasheet HTML 10Page - Linear Technology LTC2355IMSE-14PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2355-12/LTC2355-14

2355fa
Differential and Integral Linearity
vs Conversion Rate
SINAD vs Conversion Rate, Input
Frequency = 1.4MHz
2.5VP-P Power Bandwidth
CMRR vs Frequency
PSRR vs Frequency
Internal Reference Voltage vs
Load Current
Internal Reference Voltage
vs VDD
VDD Supply Current vs
Conversion Rate
typical perFormance characteristics T
A = 25°C, VDD = 3.3V (LTC2355-14)
TA = 25°C, VDD = 3.3V (LTC2355-12 and LTC2355-14)
CONVERSION RATE (Msps)
2.0
3
4
2
1
0
–1
–2
–3
–4
3.6
2355 G09
2.4
2.8
3.2
4.0
3.4
2.2
2.6
3.0
3.8
MAX INL
MAX DNL
MIN INL
MIN DNL
CONVERSION RATE (Msps)
2
73
74
75
3.6
2355 G10
72
71
70
2.2 2.4 2.6 2.8 3 3.2 3.4
3.8 4
FREQUENCY (Hz)
1M
10M
100M
1G
–18
–12
–6
0
2355 G11
–24
–30
–36
6
12
FREQUENCY (Hz)
100
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
2355 G12
10M 100M
FREQUENCY (Hz)
1
10
–50
–45
–40
–35
–30
100
1k
10k
100k
1M
2355 G13
–55
–60
–65
–70
–25
LOAD CURRENT (mA)
0.4
0.8
1.2
1.6
2355 G14
2.0
0.2
0
0.6
1.0
1.4
1.8
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
VDD (V)
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
2.8
3.0
3.2
3.4
2355 G15
2.6
3.6
CONVERSION RATE (Mps)
0
0
1
0.5
2
1.5
3
2.5
4
3.5
6
5.5
0.5
1
1.5
2
2355 G16
2.5
3.5
3
4
5
4.5


Similar Part No. - LTC2355IMSE-14PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355IMSE-14 LINER-LTC2355IMSE-14 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355IMSE-14 LINER-LTC2355IMSE-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC2355IMSE-14PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com