Electronic Components Datasheet Search |
|
LTC2264CUJ-12PBF Datasheet(PDF) 4 Page - Linear Technology |
|
LTC2264CUJ-12PBF Datasheet(HTML) 4 Page - Linear Technology |
4 / 32 page 4 22654312f LTC2265-12/ LTC2264-12/LTC2263-12 DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5) SYMBOL PARAMETER CONDITIONS LTC2265-12 LTC2264-12 LTC2263-12 UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX SNR Signal-to-Noise Ratio 5MHz Input 30MHz Input 70MHz Input 140MHz Input l 69.9 71 71 70.9 70.6 69.7 70.9 70.8 70.8 70.5 69.4 70.5 70.5 70.5 70.2 dBFS dBFS dBFS dBFS SFDR Spurious Free Dynamic Range 2nd or 3rd Harmonic 5MHz Input 30MHz Input 70MHz Input 140MHz Input l 77 90 90 89 84 79 90 90 89 84 79 90 90 89 84 dBFS dBFS dBFS dBFS Spurious Free Dynamic Range 4th Harmonic or Higher 5MHz Input 30MHz Input 70MHz Input 140MHz Input l 84 90 90 90 90 85 90 90 90 90 84 90 90 90 90 dBFS dBFS dBFS dBFS S/(N+D) Signal-to-Noise Plus Distortion Ratio 5MHz Input 30MHz Input 70MHz Input 140MHz Input l 69.6 70.9 70.9 70.7 70.3 69.6 70.8 70.7 70.6 70.2 69.2 70.5 70.4 70.3 69.9 dBFS dBFS dBFS dBFS Crosstalk 10MHz Input –105 –105 –105 dBc INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5) PARAMETER CONDITIONS MIN TYP MAX UNITS VCM Output Voltage IOUT = 0 0.5 • VDD – 25mV 0.5 • VDD 0.5 • VDD + 25mV V VCM Output Temperature Drift ±25 ppm/°C VCM Output Resistance –600μA < IOUT < 1mA 4 Ω VREF Output Voltage IOUT = 0 1.225 1.250 1.275 V VREF Output Temperature Drift ±25 ppm/°C VREF Output Resistance –400μA < IOUT < 1mA 7 Ω VREF Line Regulation 1.7V < VDD < 1.9V 0.6 mV/V |
Similar Part No. - LTC2264CUJ-12PBF |
|
Similar Description - LTC2264CUJ-12PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |