Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2265CUJ-12PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2265CUJ-12PBF
Description  12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2265CUJ-12PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2265CUJ-12PBF Datasheet HTML 2Page - Linear Technology LTC2265CUJ-12PBF Datasheet HTML 3Page - Linear Technology LTC2265CUJ-12PBF Datasheet HTML 4Page - Linear Technology LTC2265CUJ-12PBF Datasheet HTML 5Page - Linear Technology LTC2265CUJ-12PBF Datasheet HTML 6Page - Linear Technology LTC2265CUJ-12PBF Datasheet HTML 7Page - Linear Technology LTC2265CUJ-12PBF Datasheet HTML 8Page - Linear Technology LTC2265CUJ-12PBF Datasheet HTML 9Page - Linear Technology LTC2265CUJ-12PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
22654312f
LTC2265-12/
LTC2264-12/LTC2263-12
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL PARAMETER
CONDITIONS
LTC2265-12
LTC2264-12
LTC2263-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VDD
Analog Supply Voltage (Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage (Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IVDD
Analog Supply Current Sine Wave Input
l
82
98
52
63
42
50
mA
IOVDD
Digital Supply Current
1-Lane Mode, 1.75mA Mode
1-Lane Mode, 3.5mA Mode
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
11
20
15
28
18
31
10
19
15
28
18
31
10
18
14
27
17
31
mA
mA
mA
mA
PDISS
Power Dissipation
1-Lane Mode, 1.75mA Mode
1-Lane Mode, 3.5mA Mode
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
167
184
175
198
209
232
112
128
121
144
146
169
94
108
101
124
121
146
mW
mW
mW
mW
PSLEEP
Sleep Mode Power
1
1
1
mW
PNAP
Nap Mode Power
60
60
60
mW
PDIFFCLK
Power Increase with Differential Encode Mode Enabled
(No Increase for Sleep Mode)
20
20
20
mW
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
LTC2265-12
LTC2264-12
LTC2263-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Notes 10, 11)
l
5
65
5
45
5
25
MHz
tENCL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
7.3
2
7.69
7.69
100
100
11.88
2
12.5
12.5
100
100
19
2
20
20
100
100
ns
ns
tENCH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
7.3
2
7.69
7.69
100
100
11.88
2
12.5
12.5
100
100
19
2
20
20
100
100
ns
ns
tAP
Sample-and-Hold
Acquisition Delay Time
000
ns


Similar Part No. - LTC2265CUJ-12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2265CUJ-14 LINER-LTC2265CUJ-14 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2265CUJ-14PBF LINER-LTC2265CUJ-14PBF Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2265CUJ-14TRPBF LINER-LTC2265CUJ-14TRPBF Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
More results

Similar Description - LTC2265CUJ-12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2263-12 LINER-LTC2263-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2140-12 LINER-LTC2140-12_15 Datasheet
1Mb / 38P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2264-12 LINER-LTC2264-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2142-12 LINER-LTC2142-12_15 Datasheet
1Mb / 38P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2140-12 LINER-LTC2140-12 Datasheet
1Mb / 36P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-12 LINER-LTC2141-12_15 Datasheet
1Mb / 38P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2265-12 LINER-LTC2265-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2170-12 LINER-LTC2170-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2172-12 LINER-LTC2172-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2171-12 LINER-LTC2171-12_15 Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com