Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPTL15357AFBK1 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LPTL15357AFBK1
Description  Property of Lite-On Only
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LPTL15357AFBK1 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LPTL15357AFBK1 Datasheet HTML 1Page - Lite-On Technology Corporation LPTL15357AFBK1 Datasheet HTML 2Page - Lite-On Technology Corporation LPTL15357AFBK1 Datasheet HTML 3Page - Lite-On Technology Corporation LPTL15357AFBK1 Datasheet HTML 4Page - Lite-On Technology Corporation LPTL15357AFBK1 Datasheet HTML 5Page - Lite-On Technology Corporation LPTL15357AFBK1 Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LPTL15357AFBK1
PAGE:
4
of
5
BNS-OD-C131/A4
ABSOLUTE MAXIMUM RATING AT Ta=25
oC
PARAMETER
MAXIMUM RATING
UNIT
Average Power Dissipation Per Dot
70
mW
Peak Forward Current Per Dot
90
mA
Average Forward Current Per Dot
Derating Linear From 25℃ Per Dot
25
0.33
mA
mA/℃
Reverse Voltage Per Dot
5
V
Operating Temperature Range
-35℃ to +105℃
Storage Temperature Range
-35℃ to +105℃
Soldering Conditions: 1/16 inch below seating plane for 3 seconds at 260
0C
or of temperature unit (during assembly) not over max. temperature rating above.
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta=25
oC
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT TEST CONDITION
Average Luminous Intensity
IV
800
3300
ucd
Ip=32mA
1/16Duty
Peak Emission Wavelength
λp
632
nm
IF=20mA
Spectral Line Half-Width
∆λ
20
nm
IF=20mA
Dominant Wavelength
λd
624
nm
IF=20mA
Forward Voltage any Dot
VF
2.05
2.6
V
IF=20mA
Reverse Current any Dot
IR
100
µA
VR=5V
Luminous Intensity Matching Ratio
(Similar Light Area)
IV-m
2:1
Ip=32mA
1/16Duty
Note: Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE (Commision Internationale De L’Eclairage) eye-response curve.


Similar Part No. - LPTL15357AFBK1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LPTL12157AFBK1 LITEON-LPTL12157AFBK1 Datasheet
103Kb / 6P
   Property of Lite-On Only
More results

Similar Description - LPTL15357AFBK1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com