Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHRF9UG3393-T-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG3393-T-PF
Description  LOW CURRENT DURL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG3393-T-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHRF9UG3393-T-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG3393-T-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Tstg
-40 ~ +100
Storage Temperature
LHRF9UG3393/T-PF
Water Clear
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
AlGaInP
Green
574
20
2.2
1.8
90
50
40
Typical Electrical & Optical Characteristics (Ta=25
)
PART NO
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
COLOR
Emitted
AlGaInP
Red
MATERIAL
Lens
630
20
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@2mA(V)
Luminous
intensity
@2mA(mcd)
Max.
Min.
Typ.
Min.
1.5
2.0
350
550
40
Electrostatic Discharge( * )
Operating Temperature
Forward Current
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Absolute Maximum Ratings at Ta=25
IFP
90
60
mA
-40 ~ +85
Topr
Ir
PD
75
ESD
μA
10
V
mW
75
2000
Ratings
Parameter
Symbol
IF
30
HRF
UNIT
mA
30
9UG
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/6
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LHRF9UG3393/T-PF


Similar Part No. - LHRF9UG3393-T-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG3393-PF LIGITEK-LHRF9UG3393-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-S231-PF-TRS-7 LIGITEK-LHRF9UG3393-S231-PF-TRS-7 Datasheet
230Kb / 8P
   DUAL COLOR LED LAMPS
LHRF9UG3393-S234-PF LIGITEK-LHRF9UG3393-S234-PF Datasheet
222Kb / 8P
   DUAL COLOR LED LAMPS
More results

Similar Description - LHRF9UG3393-T-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRFVG3393-T-PF LIGITEK-LHRFVG3393-T-PF Datasheet
122Kb / 7P
   LOW CURRENT DURL COLOR LED LAMPS
LSEFUG3393-T-PF LIGITEK-LSEFUG3393-T-PF Datasheet
125Kb / 7P
   LOW CURRENT DURL COLOR LED LAMPS
LSEFVG3393-T-PF LIGITEK-LSEFVG3393-T-PF Datasheet
124Kb / 7P
   LOW CURRENT DURL COLOR LED LAMPS
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LSEFG3393-PF LIGITEK-LSEFG3393-PF Datasheet
128Kb / 7P
   DURL COLOR LED LAMPS
LVYSBKS3392-R2 LIGITEK-LVYSBKS3392-R2 Datasheet
118Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSBKS9SEF3393 LIGITEK-LSBKS9SEF3393 Datasheet
102Kb / 6P
   DURL COLOR LED LAMPS
LSRFDGM3392-D1-A-J LIGITEK-LSRFDGM3392-D1-A-J Datasheet
172Kb / 9P
   DURL COLOR LED LAMPS
LURF9UG3392-PF LIGITEK-LURF9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com