Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC800220-110 Datasheet(PDF) 2 Page - Powerbox

Part # PSC800220-110
Description  250 - 800 WATTS DC/DC SINGLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC800220-110 Datasheet(HTML) 2 Page - Powerbox

  PSC800220-110 Datasheet HTML 1Page - Powerbox PSC800220-110 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
423
Your dependable power partner – www.powerbox.com.au
PSC 600 Series
250-800
W A TTS
DC/DC
SINGLE
OUTPUT
MODEL NUMBER
INPUT
OUTPUT
CASE
6HE
POWER
PSC250 24/5
20-32V
5V
50A
46mm
10TE
250W
PSC400 24/12
20-32V
12V
33A
46mm
10TE
400W
PSC400 24/15
20-32V
15V
27A
46mm
10TE
400W
PSC600 24/24
20-32V
24V
25A
46mm
10TE
600W
PSC600 24/48
20-32V
48V
12.5A
46mm
10TE
600W
PSC600 24/110
20-32V
110V
5.5A
46mm
10TE
600W
PSC600 24/125
20-32V
125V
4.8A
46mm
10TE
600W
PSC250 48/5
41-60V
5V
50A
46mm
10TE
250W
PSC400 48/12
41-60V
12V
33A
46mm
10TE
400W
PSC700 48/12
41-60V
12V
60A
56mm
14TE
720W
PSC400 48/15
41-60V
15V
27A
46mm
10TE
400W
PSC800 48/15
41-60V
15V
54A
56mm
14TE
800W
PSC600 48/24
41-60V
24V
25A
46mm
10TE
600W
PSC800 48/24
41-60V
24V
33A
56mm
14TE
800W
PSC600 48/48
41-60V
48V
12.5A
46mm
10TE
600W
PSC800 48/48
41-60V
48V
17A
56mm
14TE
800W
PSC600 48/110
41-60V
110V
5.5A
46mm
10TE
600W
PSC800 48/110
41-60V
110V
7.3A
56mm
14TE
800W
PSC600 48/125
41-60V
125V
4.8A
46mm
10TE
600W
PSC800 48/125
41-60V
125V
6.4A
56mm
14TE
800W
PSC250 110/5
93-150V
5V
50A
46mm
10TE
250W
PSC400 110/12
93-150V
12V
33A
46mm
10TE
400W
PSC700 110/12
93-150V
12V
60A
56mm
14TE
720W
PSC400 110/15
93-150V
15V
27A
46mm
10TE
400W
PSC800 110/15
93-150V
15V
54A
56mm
14TE
800W
PSC600 110/24
93-150V
24V
25A
46mm
10TE
600W
PSC800 110/24
93-150V
24V
33A
56mm
14TE
800W
PSC600 110/48
93-150V
48V
12.5A
56mm
10TE
600W
PSC800 110/48
93-150V
48V
17A
46mm
14TE
800W
PSC600 110/110
93-150V
110V
5.5A
46mm
10TE
600W
PSC800 110/110
93-150V
110V
7.3A
56mm
14TE
800W
PSC600 110/125
93-150V
125V
4.8A
46mm
10TE
600W
PSC800 110/125
93-150V
125V
6.4A
56mm
14TE
800W
PSC250 220/5
187-300V
5V
50A
46mm
10TE
250W
PSC400 220/12
187-300V
12V
33A
46mm
10TE
400W
PSC700 220/12
187-300V
12V
60A
56mm
14TE
720W
PSC400 220/15
187-300V
15V
27A
46mm
10TE
400W
PSC800 220/15
187-300V
15V
54A
56mm
14TE
800W
PSC600 220/24
187-300V
24V
25A
46mm
10TE
600W
PSC800 220/24
187-300V
24V
33A
56mm
14TE
800W
PSC600 220/48
187-300V
48V
12.5A
46mm
10TE
600W
PSC800 220/48
187-300V
48V
17A
56mm
14TE
800W
PSC600 220/110
187-300V
110V
5.5A
46mm
10TE
600W
PSC800 220/110
187-300V
110V
7.3A
56mm
14TE
800W
PSC600 220/125
187-300V
125V
4.8A
46mm
10TE
600W
PSC800 220/125
187-300V
125V
6.4A
56mm
14TE
800W
Selection Table


Similar Part No. - PSC800220-110

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
   Spiral Chip Inductor
Revision: 14-Mar-08
logo
DDK Ltd.
PSC DDK-PSC Datasheet
199Kb / 3P
   SMB Connector
logo
Mini-Circuits
PSC-10-1 MINI-PSC-10-1 Datasheet
201Kb / 1P
   Power Splitter/Combiner
PSC-10-1++ MINI-PSC-10-1+ Datasheet
201Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - PSC800220-110

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
C500 POWERBOX-C500 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Integrated Power Design...
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
PB261 POWERBOX-PB261 Datasheet
408Kb / 2P
   200-500 WATTS DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
logo
Powerbox
PBIH-1205F POWERBOX-PBIH-1205F Datasheet
662Kb / 3P
   15-150 WATTS DC/DC SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com